Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 110 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 106Page - Texas Instruments TDA4VM Datasheet HTML 107Page - Texas Instruments TDA4VM Datasheet HTML 108Page - Texas Instruments TDA4VM Datasheet HTML 109Page - Texas Instruments TDA4VM Datasheet HTML 110Page - Texas Instruments TDA4VM Datasheet HTML 111Page - Texas Instruments TDA4VM Datasheet HTML 112Page - Texas Instruments TDA4VM Datasheet HTML 113Page - Texas Instruments TDA4VM Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 331 page
background image
Table 5-87. MMC0 Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MMC0_DAT5
(2)
MMC/SD/SDIO Data
IO
AF3
MMC0_DAT6
(2)
MMC/SD/SDIO Data
IO
AG1
MMC0_DAT7
(2)
MMC/SD/SDIO Data
IO
AF2
(1)
An external 10 kΩ ±1% resistor must be connected between this pin and VSS. No external voltage should be applied to this pin.
(2)
An external pull-up of 10 kΩ ~ 50 kΩ ±1% resistor, as specified in the specification, must be connected to this ball to ensure proper
operation.
Table 5-88. MMC1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MMC1_CLK
(1)
MMC/SD/SDIO Clock
IO
P25
MMC1_CMD
MMC/SD/SDIO Command
IO
R29
MMC1_SDCD(2)
SD Card Detect
I
P23
MMC1_SDWP
SD Write Protect
I
R28
MMC1_DAT0
MMC/SD/SDIO Data
IO
R24
MMC1_DAT1
MMC/SD/SDIO Data
IO
P24
MMC1_DAT2
MMC/SD/SDIO Data
IO
R25
MMC1_DAT3
MMC/SD/SDIO Data
IO
R26
(1)
For MMC1_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG171 register should be set to 0x1 because
of retiming purposes.
(2)
For ROM boot from MMC1 interface to work properly, the MMC1_SDCD pin should be pulled low externally with a resistor to indicate
an SD Card/Memory device is present.
Table 5-89. MMC2 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
PIN TYPE
[3]
BALL [4]
MMC2_CLK
(1)
MMC/SD/SDIO Clock
IO
T26
MMC2_CMD
MMC/SD/SDIO Command
IO
T25
MMC2_SDCD(2)
SD Card Detect
I
W2
MMC2_SDWP
SD Write Protect
I
W1
MMC2_DAT0
MMC/SD/SDIO Data
IO
T24
MMC2_DAT1
MMC/SD/SDIO Data
IO
T27
MMC2_DAT2
MMC/SD/SDIO Data
IO
T29
MMC2_DAT3
MMC/SD/SDIO Data
IO
T28
(1)
For MMC2_CLK signal to work properly, the RXACTIVE bit of the CTRLMMR_PADCONFIG172 register should be set to 0x1 because
of retiming purposes.
(2)
For MMC2 module to work properly, the MMC2_SDCD pin should be pulled low to indicate an SD Card/Memory device is present.
5.3.21 CPTS
Note
Some CPTS signals are connected directly to CPTS modules within the device. Other CPTS signals
are connected to the Time Sync Router and fanned out to peripherals linked to the router. Input
signals are sent to the peripherals while output signals are sourced from the peripherals. For more
information, see the Time Sync and Compare Events section in the Time Sync chapter in the device
TRM.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
110
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com