Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 150 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 150 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 146Page - Texas Instruments TDA4VM Datasheet HTML 147Page - Texas Instruments TDA4VM Datasheet HTML 148Page - Texas Instruments TDA4VM Datasheet HTML 149Page - Texas Instruments TDA4VM Datasheet HTML 150Page - Texas Instruments TDA4VM Datasheet HTML 151Page - Texas Instruments TDA4VM Datasheet HTML 152Page - Texas Instruments TDA4VM Datasheet HTML 153Page - Texas Instruments TDA4VM Datasheet HTML 154Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 331 page
background image
5.5 Pin Connectivity Requirements
This section describes the Unused/Reserved balls connection requirements.
Note
All power balls must be supplied with the voltages specified in Section 6.4, Recommended Operating
Conditions, unless otherwise specified in Section 5.3, Signal Descriptions.
Note
MMC1_SDCD and MMC2_SDCD must be pulled down for respective MMC modules to work properly
as a boot source.
Table 5-126. Connectivity Requirements (ALF Package)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
M29
WKUP_OSC0_XI
Each of these balls must be connected to VSS through a
separate external pull resistor to ensure these balls are held
to a valid logic low level if unused.
P29
OSC1_XI
N28
WKUP_LFOSC0_XI
F24
TRSTn
K25
MCU_ADC0_AIN0
K26
MCU_ADC0_AIN1
K28
MCU_ADC0_AIN2
L28
MCU_ADC0_AIN3
K24
MCU_ADC0_AIN4
K27
MCU_ADC0_AIN5
K29
MCU_ADC0_AIN6
L29
MCU_ADC0_AIN7
N23
MCU_ADC1_AIN0
M25
MCU_ADC1_AIN1
L24
MCU_ADC1_AIN2
L26
MCU_ADC1_AIN3
N24
MCU_ADC1_AIN4
M24
MCU_ADC1_AIN5
L25
MCU_ADC1_AIN6
L27
MCU_ADC1_AIN7
B2
DDR0_DQS0P
E3
DDR0_DQS1P
M3
DDR0_DQS2P
R2
DDR0_DQS3P
M26
VMON_ER_VSYS
V19
VMON_IR_VEXT
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
150
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com