Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 151 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 151 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 147Page - Texas Instruments TDA4VM Datasheet HTML 148Page - Texas Instruments TDA4VM Datasheet HTML 149Page - Texas Instruments TDA4VM Datasheet HTML 150Page - Texas Instruments TDA4VM Datasheet HTML 151Page - Texas Instruments TDA4VM Datasheet HTML 152Page - Texas Instruments TDA4VM Datasheet HTML 153Page - Texas Instruments TDA4VM Datasheet HTML 154Page - Texas Instruments TDA4VM Datasheet HTML 155Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 331 page
background image
Table 5-126. Connectivity Requirements (ALF Package) (continued)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
AE18
SERDES0_REXT
Each of these balls must be connected to VSS through
appropriate external pull resistor to ensure these balls are
held to a valid logic low level if unused. The resistor value
for the SERDES[4:0]_REXT pins is 3.01 kΩ ±1%, for the
CSI[1:0]_RXRCALIB, USB[1:0]_RCALIB, and DSI_TXRCALIB
pins is 500 Ω ±1%. This is the same connection as during
functional mode.
AE13
SERDES1_REXT
AD13
SERDES2_REXT
AE8
SERDES3_REXT
F9
SERDES4_REXT
F16
CSI0_RXRCALIB
F15
CSI1_RXRCALIB
AB6
USB1_RCALIB
AD9
USB1_RCALIB
F12
DSI_TXRCALIB
D28
MCU_RESETz
Each of these balls must be connected to the corresponding
power supply through a separate external pull resistor to
ensure these balls are held to a valid logic high level if unused.
(1)
H23
MCU_PORz
J24
PORz
E29
TCK
V2
TMS
J25
WKUP_I2C0_SCL
H24
WKUP_I2C0_SDA
H25
MCU_I2C0_SDA
J26
MCU_I2C0_SCL
Y6
I2C1_SCL
AA6
I2C1_SDA
AA5
I2C0_SDA
AC5
I2C0_SCL
AC18
EXTINTn
V1
TDI
V3
TDO
B29
EMU1
C26
EMU0
B1
DDR0_DQS0N
E2
DDR0_DQS1N
M2
DDR0_DQS2N
R1
DDR0_DQS3N
AB11
VPP_CORE
Each of these balls must be left unconnected if unused.
F17
VPP_MCU
AE1
MMC0_CALPAD
AE2
MLB0_MLBCN
AD2
MLB0_MLBCP
AD3
MLB0_MLBDN
AC3
MLB0_MLBDP
AC1
MLB0_MLBSN
AD1
MLB0_MLBSP
(1)
To determine which power supply is associated with any IO refer to Table 5-1, Pin Attributes.
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
151
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com