Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 173 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 173 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 169Page - Texas Instruments TDA4VM Datasheet HTML 170Page - Texas Instruments TDA4VM Datasheet HTML 171Page - Texas Instruments TDA4VM Datasheet HTML 172Page - Texas Instruments TDA4VM Datasheet HTML 173Page - Texas Instruments TDA4VM Datasheet HTML 174Page - Texas Instruments TDA4VM Datasheet HTML 175Page - Texas Instruments TDA4VM Datasheet HTML 176Page - Texas Instruments TDA4VM Datasheet HTML 177Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 331 page
background image
J7ES_ELCH_01
T0
T1
T2
T3
T4
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV3,
VDDSHV4, VDDSHV5 , VDDSHV6) , VDDA_3P3_USB
(4)
(2)
(5)
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV1, VDDSHV2,
VDDSHV3, VDDSHV4, VDDSHV5 , VDDSHV6) ,VDDS_MMC0
(4)
(3)
(7)
(VDDSHV0_MCU, VDDSHV1_MCU, VDDSHV2_MCU,
VDDSHV0, VDDSHV1, VDDSHV2,
VDDSHV3, VDDSHV4, VDDSHV5 , VDDSHV6) ,VDDS_MMC0
(4)
(3)
(7)
VDDA_MCU_PLLGRP0, VDDA_MCU_TEMP, VDDA_ADC0,
VDDA_ADC1, VDDA_POR_WKUP, VDDA_WKUP,
VDDS_OSC1, VDDA_PLLGRP0, VDDA_PLLGRP1,
VDDA_PLLGRP2, VDDA_PLLGRP3, VDDA_PLLGRP4, VDDA_PLLGRP5,
VDDA_PLLGRP6, VDDA_TEMP0_1, VDDA_TEMP2_3
VDD_CPU
VDD_MCU , VDD_CORE, (VDDA_0P8_SERDES0_1,
(8)
VDDA_0P8_SERDES2_3, VDDA_0P8_SERDES_C0_1,
VDDA_0P8_SERDES_C2_3, VDDA_0P8_DP, VDDA_0P8_DP_C,
VDDA_0P8_CSIRX, VDDA_0P8_UFS, VDDA_0P8_USB,
VDDA_0P8_DSITX, VDDA_0P8_DSITX_C)
(9)
, VDDAR_CORE, VDDAR_CPU, VDDAR_MCU
PORz, MCU_PORz
(11)(12)
WKUP_OSC0_XI, WKUP_OSC1_XO
WKUP_LFOSC0_XI, WKUP_LFOSC0_XO
(optional)
OSC1_XI, OSC1_XO
(optional)
VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS
VDDA_0P8_PLL_DDR, VDDA_0P8_DLL_MMC0, VDDA_0P8_PLL_MLB
(10)
MCU_BOOTMODE[9:0], BOOTMODE[7:0]
(11)
Valid Configuration
(VDDA_1P8_CSIRX, VDDA_1P8_UFS, VDDA_1P8_USB,
VDDA_1P8_DP, VDDA_1P8_DSITX, VDDA_1P8_MLB,
VDDA_1P8_SERDES0_1, VDDA_1P8_SERDES2_3)
(6)
VDD_MCU
(8)
Note 2
Figure 6-3. Combined MCU and Main Domains, Primary Power-Up Sequence
1. Time Stamp Markers
T0 – 3.3V voltages start ramp-up to VOPR MIN. (0ms)
T1 – 1.8V voltages start ramp-up to VOPR MIN. (2ms)
T2 – Low voltage core supplies start ramp-up to VOPR MIN. (3ms)
T3 – Low voltage RAM array voltages start ramp-up to VOPR MIN. (4ms)
T4 – OSC1 is stable and PORz/MCU_PORz are de-asserted to release processor from reset. (13ms)
2. Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 3.3V to
support 3.3V digital interfaces. A few supplies could have varying start times between T0 to T1 due to PDN
designs using different power resources with varying turn-on & ramp-up time delays.
3. Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 1.8V to
support 1.8V digital interfaces. When eMMC memories are used, Main 1.8V supplies could have a ramp-up
aligned to T3 due to PDN designs grouping supplies with VDD_MMC0.
4. VDDSHV5 supports MMC1 signaling for SD memory cards. If compliant high-speed SD card operation is
needed, then an independent, dual voltage (3.3V/1.8V) power source and rail are required. The start of
ramp-up to 3.3V will be same as other 3.3V domains as shown. If SD card is not needed or standard data
www.ti.com
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
173
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com