Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 174 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 174 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 170Page - Texas Instruments TDA4VM Datasheet HTML 171Page - Texas Instruments TDA4VM Datasheet HTML 172Page - Texas Instruments TDA4VM Datasheet HTML 173Page - Texas Instruments TDA4VM Datasheet HTML 174Page - Texas Instruments TDA4VM Datasheet HTML 175Page - Texas Instruments TDA4VM Datasheet HTML 176Page - Texas Instruments TDA4VM Datasheet HTML 177Page - Texas Instruments TDA4VM Datasheet HTML 178Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 331 page
background image
rates with fixed 3.3V operation is acceptable, then domain can be grouped with digital IO 3.3V power rail. If a
SD card is capable of operating with fixed 1.8V, then domain can be grouped with digital IO 1.8V power rail.
5. VDDA_3P3_USB is 3.3V analog domain used for USB 2.0 differential interface signaling. A low noise,
analog supply is recommended to provide best signal integrity for USB data eye mask compliance. The start
of ramp-up to 3.3V will be same as other 3.3V domains as shown. If USB interface is not needed or data bit
errors can be tolerated, then domain can be grouped with 3.3V digital IO power rail either directly or through
a supply filter.
6. VDDA_1P8_<phy> are 1.8V analog domains supporting multiple serial PHY interfaces. A low noise, analog
supply is recommended to provide best signal integrity, interface performance and spec compliance. If any of
these interfaces are not needed, data bit errors or non-compliant operation can be tolerated, then domains
can be grouped with digital IO 1.8V power rail either directly or through an in-line supply filter is allowed.
7. VDD_MMC0 is 1.8V digital supply supporting MMC0 signaling for eMMC interface. If MMC0 or eMMC0
interface is not needed, then domain can be grouped with digital IO 1.8V power rail with power up time
stamp at T1. However, if MMC0 interface is needed, then VDD_MMC0 must not start ramp-up until time
stamp T3 after VDD_CORE has reached VOPR MIN. Any MCU or Main dual voltage IO operating at 1.8V can
be grouped with VDD_MMC0 into a common power rail with power up time stamp T3.
8. VDD_MCU is a digital voltage supply with a wide operational voltage range and power sequencing flexibility,
enabling it to be grouped and ramped-up with either 0.8V VDD_CORE at time stamp T2 or 0.85V RAM array
domains (VDDAR_xxx) at time stamp T3.
9. VDDA_1P8_<clk/pll/ana> are 1.8V analog domains supporting clock oscillator, PLL and analog circuitry
needing a low noise supply for optimal performance. It is not recommended to combine analog
VDDA_1P8_<phy> domains or digital VDDSHVn_MCU and VDDSHVn IO domains since high frequency
switching noise could negatively impact jitter performance of clock, PLL and DLL signals.
10. VDDA_0P8_<dll/pll> are 0.8V analog domains supporting PLL and DLL circuitry needing a low noise supply
for optimal performance. It is not recommended to combine these domains with any other 0.8V domains
since high frequency switching noise could negatively impact jitter performance of PLL and DLL signals.
11. Minimum set-up and hold times shown with respect to MCU_PORz and PORz asserting high to latch
MCU_BOOTMODEn (referenced to MCU_VDDSHV0) and BOOTMODEn (reference to VDDSHV2) settings
into registers during power up sequence.
12. Minimum elapsed time from crystal oscillator circuitry being energized (VDDS_OSC1 at T1) until stable clock
frequency is reached depends upon on crystal oscillator, capacitor parameters and PCB parasitic values.
A conservative 10ms elapsed time defined by (T4 – T1) time stamps is shown. This could be reduced
depending upon customer’s clock circuit (that is, crystal oscillator or clock generator) and PCB designs.
6.9.2.3 Combined MCU and Main Domains Power- Down Sequencing
Figure 6-4 describes the device power-down sequencing.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
174
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com