Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 180 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 180 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 176Page - Texas Instruments TDA4VM Datasheet HTML 177Page - Texas Instruments TDA4VM Datasheet HTML 178Page - Texas Instruments TDA4VM Datasheet HTML 179Page - Texas Instruments TDA4VM Datasheet HTML 180Page - Texas Instruments TDA4VM Datasheet HTML 181Page - Texas Instruments TDA4VM Datasheet HTML 182Page - Texas Instruments TDA4VM Datasheet HTML 183Page - Texas Instruments TDA4VM Datasheet HTML 184Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 331 page
background image
3. Any MCU or Main dual voltage IO supplies (VDDSHVn_MCU or VDDSHVn) being supplied by 1.8V to
support 1.8V digital interfaces. When eMMC memories are used, Main 1.8V supplies could have a ramp-
down aligned to T1 due to PDN designs grouping supplies with VDD_MMC0.
4. VDDSHV5 supports MMC1 signaling for SD memory cards. A dual voltage (3.3V/1.8V) power rail is required
for compliant, high-speed SD card operations. If compliant highspeed SD card operation is needed, then
an independent, dual voltage (3.3V/1.8V) power source and rail are required. The start of ramp-down from
3.3V/1.8V will be same as other 3.3V domains as shown. If SD card is not needed or standard data rates
with fixed 3.3V operation is acceptable, then domain can be grouped with digital IO 3.3V power rail. If a SD
card is capable of operating with fixed 1.8V, then domain can be grouped with digital IO 1.8V power rail.
5. VDDA_3P3_USB is 3.3V analog domain used for USB 2.0 differential interface signaling. A low noise,
analog supply is recommended to provide best signal integrity for USB data eye mask compliance. The start
of ramp-down from 3.3V will be same as other 3.3V domains as shown. If USB interface is not needed or
data bit errors can be tolerated, then domain can be grouped with 3.3V digital IO power rail either directly or
through a supply filter.
6. VDDA_1P8_<phy> are 1.8V analog domains supporting multiple serial PHY interfaces. A low noise, analog
supply is recommended to provide best signal integrity, interface performance and spec compliance. If any of
these interfaces are not needed, data bit errors or non-compliant operation can be tolerated, then domains
can be grouped with digital IO 1.8V power rail either directly or through an in-line supply filter is allowed.
7. VDD_MMC0 is 1.8V digital supply supporting MMC0 signaling for eMMC interface and must ramp-down at
time stamp T1 before VDD_CORE starts ramp-down. Any MCU or Main dual voltage IO operating at 1.8V
can be grouped with VDD_MMC0 into a common power rail with power down time stamp T1. If MMC0 or
eMMC0 interface is not needed, then domain can be grouped with digital IO 1.8V power rail and ramp-down
at time stamp T3.
8. VDD_MCU is a digital voltage supply with a wide operating voltage range and power sequencing flexibility,
enabling it to be grouped and ramped-down with either 0.8V VDD_CORE at time stamp T2 or 0.85V RAM
array domains (VDDAR_xxx) at time stamp T1.
9. VDDA_1P8_<clk/pll/ana> are 1.8V analog domains supporting clock oscillator, PLL & analog circuitry
needing a low noise supply for optimal performance. It is not recommended to combine analog
VDDA_1P8_<phy> domains or digital VDDSHVn_MCU and VDDSHVn IO domains since high frequency
switching noise could negatively impact jitter performance of clock, PLL and DLL signals.
10. MCU_PORz and PORz must be asserted low for TΔ1 = 200us min to ensure SoC resources enter into safe
state before any voltage begins to ramp down.
6.9.2.6 Entry and Exit of MCU Only State
Entry into MCU Only lower power state is accomplished by executing a power down sequence except
for the 4 MCU supply groups (VDDSHVx_MCU at 3.3V, VDDSHVx_MCU at 1.8V, VDDA_MCU_PLLGRP0/
VDDA_MCU_TEMP analog supplies at 1.8V, VDD_MCU/VDDAR_MCU at 0.85V) that remain energized. Exit
from MCU Only state is accomplished by executing a power up sequence with the 4 MCU supply groups
remaining energized throughout the sequence. The example diagram shown is for an Isolated MCU & Main PDN
type with eMMC support.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
180
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com