Electronic Components Datasheet Search
  English  ▼

X  

TDA4VM Datasheet(PDF) 184 Page - Texas Instruments

Click here to check the latest version.
Part # TDA4VM
Description  TDA4VM Processors
PDF  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TDA4VM Datasheet(HTML) 184 Page - Texas Instruments

Back Button TDA4VM Datasheet HTML 180Page - Texas Instruments TDA4VM Datasheet HTML 181Page - Texas Instruments TDA4VM Datasheet HTML 182Page - Texas Instruments TDA4VM Datasheet HTML 183Page - Texas Instruments TDA4VM Datasheet HTML 184Page - Texas Instruments TDA4VM Datasheet HTML 185Page - Texas Instruments TDA4VM Datasheet HTML 186Page - Texas Instruments TDA4VM Datasheet HTML 187Page - Texas Instruments TDA4VM Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 331 page
background image
Table 6-15. PORz Timing Requirements
see Figure 6-10
NO.
MIN
MAX UNIT
RST4 th(MAIND_SUPPLIES_VALID - PORz)
Hold time, PORz active (low) at Power-up after all MAIN
DOMAIN supplies1 valid
1200
ns
RST5 tw(PORzL)
Pulse Width minimum, PORz low after Power-up
1200
ns
1. For definition of the MAIN DOMAIN supplies, see the Combined MCU and Main Domains Power-Up
sequence.
PORz
RST4
RST5
MAIN DOMAIN
SUPPLIES VALID
Figure 6-10. PORz Timing Requirements
Table 6-16. MCU_PORz initiates; MCU_PORz_OUT, PORz_OUT, MCU_RESETSTATz, and RESETSTATz
Switching Characteristics
see Figure 6-11
NO.
PARAMETER
MODE
MIN
MAX UNIT
RST6
td(MCU_PORzL-MCU_PORz_OUTL)
Delay time, MCU_PORz active (low) to
MCU_PORz_OUT active (low)
0
ns
RST7
td(MCU_PORzH-MCU_PORz_OUTH)
Delay time, MCU_PORz inactive (high) to
MCU_PORz_OUT inactive (high)
0
ns
RST8
td(MCU_PORzL-PORz_OUTL)
Delay time, MCU_PORz active (low) to
PORz_OUT active (low)
0
ns
RST9
td(MCU_PORzH-PORz_OUTH)
Delay time, MCU_PORz inactive (high) to
PORz_OUT inactive (high)
1500
ns
RST10
td(MCU_PORzL-MCU_RESETSTATzL)
Delay time, MCU_PORz active (low) to
MCU_RESETSTATz active (low)
0
ns
RST11
td(MCU_PORzH-MCU_RESETSTATzH)
Delay time, MCU_PORz inactive (high) to
MCU_RESETSTATz inactive (high)
POST
bypass
12000*S(1)
ns
RST12
td(MCU_PORzL-RESETSTATzL)
Delay time, MCU_PORz active (low) to
RESETSTATz active (low)
0
ns
RST13
td(MCU_PORzH-RESETSTATzH)
Delay time, MCU_PORz inactive (high) to
RESETSTATz inactive (high)
14500*S(1)
ns
RST14
tw(MCU_PORz_OUTL)
Pulse width minimum, MCU_PORz_OUT
active (low)
1200
ns
RST15
tw(PORz_OUTL)
Pulse Width Minimum PORz_OUT low
2550
ns
RST16
tw(MCU_RESETSTATzL)
Pulse Width Minimum MCU_RESETSTATz
low
3900*S(1)
ns
RST17
tw(RESETSTATzL)
Pulse Width Minimum RESETSTATz low
2650*S(1)
ns
(1)
S = MCU_OSC0_XI/XO clock period.
TDA4VM-Q1, TDA4VM
SPRSP36K – SEPTEMBER 2021 – REVISED APRIL 2024
www.ti.com
184
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TDA4VM-Q1 TDA4VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com