Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 36Page - PMC-Sierra, Inc PM8620 Datasheet HTML 37Page - PMC-Sierra, Inc PM8620 Datasheet HTML 38Page - PMC-Sierra, Inc PM8620 Datasheet HTML 39Page - PMC-Sierra, Inc PM8620 Datasheet HTML 40Page - PMC-Sierra, Inc PM8620 Datasheet HTML 41Page - PMC-Sierra, Inc PM8620 Datasheet HTML 42Page - PMC-Sierra, Inc PM8620 Datasheet HTML 43Page - PMC-Sierra, Inc PM8620 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
39
Document ID: PMC-2000170, Issue 3
Pad Name
Type
Pin No.
Function
Analog I/O Power (34 Balls)
AVDH[33:0]
Power
H4
M4
T4
AC4
AG4
AL2
AL3
AL4
AM2
AM3
AN2
C2
D2
D3
E1
E2
E4
B33
C32
C33
D31
D32
D33
AG31
AC31
W31
M31
H31
AK31
AK33
AK34
AL32
AL33
AM33
The analog I/O power pins (AVDH[33:0]) should be
connected to a well-decoupled +3.3 V DC supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com