Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 16 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 16 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 12Page - PMC-Sierra, Inc PM8620 Datasheet HTML 13Page - PMC-Sierra, Inc PM8620 Datasheet HTML 14Page - PMC-Sierra, Inc PM8620 Datasheet HTML 15Page - PMC-Sierra, Inc PM8620 Datasheet HTML 16Page - PMC-Sierra, Inc PM8620 Datasheet HTML 17Page - PMC-Sierra, Inc PM8620 Datasheet HTML 18Page - PMC-Sierra, Inc PM8620 Datasheet HTML 19Page - PMC-Sierra, Inc PM8620 Datasheet HTML 20Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
15
Document ID: PMC-2000170, Issue 3
Figure 3 illustrates the organization of the access line size card(s) from a SONET Any Service
Any Port (ASAP) product. All traffic from the NSE-20G to the SBI link layer devices is path-
aligned. See Figure 4 for a description of the PHY line cards compatible with the system in
Figure 3.
Figure 3 Any-Service-Any-Port TDM Access Solution
SBS
FREEDM-
336
SBS
SBS
SBS-
lite
4 X
IMA-84
12 X
AAL1gator-
32
4 X
TEMUX-84
DSP
Processors
H-MVIP
NSE20G
Any-PHY
(Packet)
Any-PHY
(Cell)
Any-PHY
(Cell)
T1/E1/DS0/N*DS0 Layer 2 Processing
Figure 4 shows the organization of a SONET PHY card compatible with Figure 3. As shown, both
Figure 3 and Figure 4 have NSE-20Gs, but only one instance of this device is required to connect
all the SBSs. A likely packaging of this combined system would place the NSE-20G (and a
standby NSE-20G) on separate fabric cards. In Figure 4, four PM8315 TEMUXs align paths to
transport frames. Note: Figure 3 assumes this alignment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com