Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 56Page - PMC-Sierra, Inc PM8620 Datasheet HTML 57Page - PMC-Sierra, Inc PM8620 Datasheet HTML 58Page - PMC-Sierra, Inc PM8620 Datasheet HTML 59Page - PMC-Sierra, Inc PM8620 Datasheet HTML 60Page - PMC-Sierra, Inc PM8620 Datasheet HTML 61Page - PMC-Sierra, Inc PM8620 Datasheet HTML 62Page - PMC-Sierra, Inc PM8620 Datasheet HTML 63Page - PMC-Sierra, Inc PM8620 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
59
Document ID: PMC-2000170, Issue 3
Address
Register
300-31F
Port Register Set 16 – Port 16 (Channel 16)
320-33F
Port Register Set 17 – Port 17 (Channel 17)
340-35F
Port Register Set 18 – Port 18 (Channel 18)
360-37F
Port Register Set 19 – Port 19 (Channel 19)
380-39F
Port Register Set 20 – Port 20 (Channel 20)
3A0-3BF
Port Register Set 21 – Port 21 (Channel 21)
3C0-3DF
Port Register Set 22 – Port 22 (Channel 22)
3E0-3FF
Port Register Set 23 – Port 23 (Channel 23)
400-41F
Port Register Set 24 – Port 24 (Channel 24)
420-43F
Port Register Set 25 – Port 25 (Channel 25)
440-45F
Port Register Set 26 – Port 26 (Channel 26)
460-47F
Port Register Set 27 – Port 27 (Channel 27)
480-49F
Port Register Set 28 – Port 28 (Channel 28)
4A0-4BF
Port Register Set 29 – Port 29 (Channel 29)
4C0-4DF
Port Register Set 30 – Port 30 (Channel 30)
4E0-4FF
Port Register Set 31 – Port 31 (Channel 31)
500-7FF
Reserved
800
–
FFF
Reserved for Test
Notes on Register Memory Map
1.
For all register accesses, CSB must be low.
2.
Addresses that are not shown must be treated as Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com