Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 93Page - PMC-Sierra, Inc PM8620 Datasheet HTML 94Page - PMC-Sierra, Inc PM8620 Datasheet HTML 95Page - PMC-Sierra, Inc PM8620 Datasheet HTML 96Page - PMC-Sierra, Inc PM8620 Datasheet HTML 97Page - PMC-Sierra, Inc PM8620 Datasheet HTML 98Page - PMC-Sierra, Inc PM8620 Datasheet HTML 99Page - PMC-Sierra, Inc PM8620 Datasheet HTML 100Page - PMC-Sierra, Inc PM8620 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
96
Document ID: PMC-2000170, Issue 3
PORTCFG: new port mapping to be updated to the connection memory page.
WORDADDR: specifies the address of the offline connection memory page.
PORTADDR: port address of the offline connection memory page.
In word transfer mode, an entire word of the offline connection memory page is updated.
PORTCFG: is ignored.
WORDADDR: specifies the address to the offline connection memory page.
PORTADDR: is ignored.
In either mode, the contents read from the off-line connection memory page can be read by
the microprocessor through the Configuration Output register..
PORTCFG[4:0]
This field contains the input port mapping to a particular output port specified in
PORTADDR. Used only in PORT transfer mode. At all other modes, this field is ignored.
PORTADDR[4:0]
When performing writes to the offline connection memory page, this field indicates the
output port to be updated with new mapping in PORTCFG. A PORTADDR of 0 relates to
output port 0 of the DCB.
This field is valid in PORT transfer mode and during reading from the Configuration Output
register and is ignored in WORD transfer mode. Valid values are 0-31 when performing
writes.
When performing reads through the Configuration Output register, PORTADDR indicates the
ports being read as follows :
000xx : ports 5-0
001xx : ports 11-6
010xx : ports 17-12
011xx : ports 23-18
100xx : ports 29-24
101xx : ports 31-30 on least significant bits
110xx : ports 5-0
111xx : ports 5-0
WORDADDR[13:0]
This field indicates the address of the update connection memory page to be accessed. This
field relates to the time location within the SBI/TelecomBus frame. I.e. Location 0 would be
the first A1 byte of the frame and location 24 is the C1 character.
This field is ignored in page copy mode. Valid values are 0-9719.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com