Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 12 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 12 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 8Page - PMC-Sierra, Inc PM8620 Datasheet HTML 9Page - PMC-Sierra, Inc PM8620 Datasheet HTML 10Page - PMC-Sierra, Inc PM8620 Datasheet HTML 11Page - PMC-Sierra, Inc PM8620 Datasheet HTML 12Page - PMC-Sierra, Inc PM8620 Datasheet HTML 13Page - PMC-Sierra, Inc PM8620 Datasheet HTML 14Page - PMC-Sierra, Inc PM8620 Datasheet HTML 15Page - PMC-Sierra, Inc PM8620 Datasheet HTML 16Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
11
Document ID: PMC-2000170, Issue 3
1
Features
The Narrowband Switch Element 20G (NSE-20G):
• Implements a Scaleable Bandwidth Interconnect (SBI™) DS0 granularity Space switch.
• Implements a SONET/SDH VT1.5/VT2/TU11/TU12 granularity Space switch for the serial
777.6 MHz LVDS TelecomBus.
• With the allied SBS or SBS-lite device, implements a DS0 granularity Memory-Space-
Memory switch.
• Supports 32 STS-12 equivalent serial ports via 777.6 MHz, 8B/10B encoded LVDS links
(each port can be either Serial TelecomBus or Serial SBI336S)
• When configured for SBI mode, switches DS0 or N*DS0 for all T1 and E1 tributaries and
aggregate columns for switching T1, E1, TVT1.5, TVT2, DS3 and E3 tributaries.
• When configured for the serial 777.6 MHz TelecomBus interface, switches any SONET/SDH
virtual tributary or tributary unit up to STS-1.
• Supports switching of arbitrary non-standard octet aggregates.
• Supports unicast, multicast, and broadcast for all switching modes.
• Provides 20 Gbit/s (258,048 DS0s, 10,752 T1s/VT1.5s, 8,064 E1s/VT2s, 384 DS3s/E3s)
switching.
• Works with SBS devices that support up to four 19.44 MHz SBI buses or one 77.76 MHz
SBI336 bus that communicates with PMC-Sierra’s SBI device family. Alternatively, the SBS
and SBS-lite devices support up to four 19.44 MHz STS-3 TelecomBuses or one 77.76 MHz
STS-12 TelecomBus for connection with PMC-Sierra’s SPECTRA™ family of devices.
• Can be combined in applications with PMC-Sierra’s CHESS™ Set devices (PM5374 TSE
and PM5307 TBS).
• Supports a microprocessor interface which is used to configure/control the NSE, to make
DS0-granularity switch settings.
• Supports clean error checked 8 Mbit/s full-duplex, in-band communications channels from
the NSE’s attached microprocessor to the attached microprocessors of each of the 32 attached
SBS336S devices. This channel is used to initialize and control the SBSs, or other such
devices, and to implement call-establishment set-up changes.
• Supports JTAG for all non-LVDS signals.
• Requires dual power supplies at 1.8 V and 3.3 V.
• Packaged as a 480 ball UBGA.
• In conjunction with the SBS or SBS-lite, supports “1+1” and “1:N” fabric redundancy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com