Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 57Page - PMC-Sierra, Inc PM8620 Datasheet HTML 58Page - PMC-Sierra, Inc PM8620 Datasheet HTML 59Page - PMC-Sierra, Inc PM8620 Datasheet HTML 60Page - PMC-Sierra, Inc PM8620 Datasheet HTML 61Page - PMC-Sierra, Inc PM8620 Datasheet HTML 62Page - PMC-Sierra, Inc PM8620 Datasheet HTML 63Page - PMC-Sierra, Inc PM8620 Datasheet HTML 64Page - PMC-Sierra, Inc PM8620 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
60
Document ID: PMC-2000170, Issue 3
10
Normal Mode Register Description
Normal mode registers are used to configure and monitor the operation of the NSE. Normal mode
registers (as opposed to test mode registers) are selected when A[11] is set low.
Notes on Normal Mode Register Bits
1. Writing values into unused register bits has no effect. However, to ensure software
compatibility with future, feature-enhanced versions of this product, unused register bits must
be written with logic zero. Reading back unused bits can produce either a logic one or a logic
zero; hence, unused register bits should be masked off by software when read.
2. All configuration bits that can be written into can also be read back. This allows the processor
controlling the TSB to determine the programming state of the block.
3. Writeable normal mode register bits are cleared to logic zero upon reset unless otherwise
noted.
4. Writing into read-only normal mode register bit locations does not affect NSE-20G operation
unless otherwise noted.
5. For registers above 100H, only a one port set of the 32 ports are shown. The Register
addresses are shown for example as: 0100H + N*20H, N here is the port number between 0
and 31. This is done to prevent unnecessary duplication of otherwise identical register sets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com