Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 7 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 7 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 3Page - PMC-Sierra, Inc PM8620 Datasheet HTML 4Page - PMC-Sierra, Inc PM8620 Datasheet HTML 5Page - PMC-Sierra, Inc PM8620 Datasheet HTML 6Page - PMC-Sierra, Inc PM8620 Datasheet HTML 7Page - PMC-Sierra, Inc PM8620 Datasheet HTML 8Page - PMC-Sierra, Inc PM8620 Datasheet HTML 9Page - PMC-Sierra, Inc PM8620 Datasheet HTML 10Page - PMC-Sierra, Inc PM8620 Datasheet HTML 11Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
6
Document ID: PMC-2000170, Issue 3
List of Registers
Register 000H: NSE-20G Master Reset............................................................................61
Register 001H: NSE-20G Individual Channel Reset.........................................................62
Register 002H: NSE-20G Master JTAG ID .......................................................................63
Register 003H: SBS Page select – Page 0.......................................................................64
Register 004H: SBS Page select – Page 1.......................................................................65
Register 005H: NSE-20G Master Interrupt Source ...........................................................66
Register 006H: NSE-20G Master ILC Interrupt Source ....................................................68
Register 007H: NSE-20G Master R8TD Interrupt Source.................................................69
Register 008H: NSE-20G Master T8TE Interrupt Source .................................................70
Register 009H: NSE-20G Master Clock Monitor...............................................................71
Register 00AH: NSE-20G DCB CMP select......................................................................72
Register 00BH: NSE-20G Interrupt Enable Register ........................................................73
Register 00CH: NSE-20G Subsystem Interrupt Enable Register .....................................74
Register 00DH: NSE-20G R8TD TIP Rgister ....................................................................75
Register 00EH: SBS User Bit 0 .........................................................................................76
Register 00FH: SBS User Bit 1 .........................................................................................77
Register 010H: SBS User Bit 2 .........................................................................................78
Register 011H: NSE-20G FREE User Register.................................................................79
Register 012H: Correct R8TD_RX_C1 Pulse Monitor ......................................................80
Register 013H: Unexpected R8TD_RX_C1 Interrupt........................................................81
Register 014H: Missing R8TD_RX_C1 Interrupt...............................................................82
Register 015H: Unexpected R8TD_RX_C1 Interrupt Enable ...........................................83
Register 016H: Missing R8TD_RX_C1 Interrupt Enable ..................................................84
Register 020H, 024H: CSTR #1 – 2 Control*....................................................................85
Register 021H, 025H: CSTR #1 – 2* Interrupt Enable and CSU Lock Status ..................86
Register 022H, 026H: CSTR #1 – 2 Interrupt Indication ...................................................87
Register 040H: DCB Configuration port 31-30 Register (NSE-20G 20G only) .................88
Register 041H: DCB Configuration port 29-24 Register (NSE-20G 20G only) .................89
Register 042H: DCB Configuration port 23-18 Register (NSE-20G 20G only) .................90
Register 043H: DCB Configuration port 17-12 Register ...................................................91
Register 044H: DCB Configuration port 11-6 Register......................................................92
Register 045H: DCB Configuration port 5-0 Register .......................................................93
Register 046H: DCB Configuration Output Register .........................................................94



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com