Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 41Page - PMC-Sierra, Inc PM8620 Datasheet HTML 42Page - PMC-Sierra, Inc PM8620 Datasheet HTML 43Page - PMC-Sierra, Inc PM8620 Datasheet HTML 44Page - PMC-Sierra, Inc PM8620 Datasheet HTML 45Page - PMC-Sierra, Inc PM8620 Datasheet HTML 46Page - PMC-Sierra, Inc PM8620 Datasheet HTML 47Page - PMC-Sierra, Inc PM8620 Datasheet HTML 48Page - PMC-Sierra, Inc PM8620 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
44
Document ID: PMC-2000170, Issue 3
The LVDS system is comprised of the LVDS Receiver (RXLV), LVDS Transmitter (TXLV), ),
Transmitter reference (TXREF), data recovery unit (DRU), parallel to serial converter (PISO and
Clock Synthesis Unit (CSU).
9.1.1
LVDS Receiver (RXLV)
The RXLV block is a 777.6 Mbit/s Low Voltage Differential Signaling (LVDS) Receiver
according to the IEEE 1596.3-1996 LVDS Specification.
The RXLV block is the receiver in Figure 8, accepting 777.6 Mbit/s LVDS signals from the
transmitter, over RP[X]/RN[X] pins, amplifying them and converting them to digital signals, then
passing them to a data recovery unit (DRU). Holding to the IEEE 1596.3-1996 specification, the
RXLV has a differential input sensitivity better than 100 mV, and includes at least 25 mV of
hysteresis. There are 32 RXLV blocks in the NSE.
9.1.2
LVDS Transmitter (TXLV)
The TXLV block is a 777.6 Mbit/s Low voltage Differential Signaling (LVDS) Transmitter
according to the IEEE 1596.3-1996 LVDS Specification.
The TXLV accepts 777.6 Mbit/s differential data from a “parallel-in, serial-out” (PISO) circuit
and then transmits the data off-chip as a low voltage differential signal on TP[X]/TN[X] pins.
The TXLV uses a reference current and voltage from the TXREF block to control the output
differential voltage amplitude and the output common-mode voltage.
There are 32 instances of the TXLV block in the NSE-20G.
9.1.3
LVDS Transmit Reference (TXREF)
The TXREF provides an on-chip bandgap voltage reference (1.20 V ±5%) and a precision current
to the TXLV (777.6 Mbit/s LVDS Transmitter) block’s. The reference voltage is used to control
the common-mode level of the TXLV output, while the reference current is used to control the
output amplitude.
The precision currents are generated by forcing the reference voltage across an external, off-chip
3.16 k
Ω(±1%) resistor. The resulting current is then mirrored through several individual reference
current outputs, so each TXLV receives its own reference current.
There are two instances of the TXREF in the NSE-20G.
9.1.4
Data Recovery Unit (DRU)
The DRU is a fully integrated data recovery and serial to parallel converter that can be used for
777.6 Mbit/s NRZ data. 8B/10B block code is used to guarantee transition density for optimal
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com