Electronic Components Datasheet Search
  English  ▼

X  

PM8620 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM8620
Description  NSE-20G??Standard Product Data Sheet Preliminary
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM8620 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM8620 Datasheet HTML 39Page - PMC-Sierra, Inc PM8620 Datasheet HTML 40Page - PMC-Sierra, Inc PM8620 Datasheet HTML 41Page - PMC-Sierra, Inc PM8620 Datasheet HTML 42Page - PMC-Sierra, Inc PM8620 Datasheet HTML 43Page - PMC-Sierra, Inc PM8620 Datasheet HTML 44Page - PMC-Sierra, Inc PM8620 Datasheet HTML 45Page - PMC-Sierra, Inc PM8620 Datasheet HTML 46Page - PMC-Sierra, Inc PM8620 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 190 page
background image
NSE-20G™ Standard Product Data Sheet
Preliminary
Proprietary and Confidential to PMC-Sierra, Inc., and for its Customers’ Internal Use
42
Document ID: PMC-2000170, Issue 3
Table 1 Analog Power Filters
Rs
Cl
Ch
Notes
CSU AVDH (2 balls)
3.3 ohm
100 nF
10 nF
One Filter network per VDD ball.
CSU AVDL (6 balls)
0.47 ohm
4.7 µF
10 nF
One Filter network per VDD ball.
AVDH
(34 balls)
3.3 ohm
1.0 µF
10 nF
Two VDD balls per filter network
1.
AVDL
(8 balls)
0 ohm
100 nF
10 nF
One Filter network per VDD ball.
Note
1.
Two power-gnd pairs can use the same filter.
Figure 7 Analog Power Filter Circuit
R
s
C
l
C
h
Supply VDD
Supply VSS
Device VSS
Device VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com