Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 36 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 36 Page - Analog Devices

Back Button LT3045 Datasheet HTML 32Page - Analog Devices LT3045 Datasheet HTML 33Page - Analog Devices LT3045 Datasheet HTML 34Page - Analog Devices LT3045 Datasheet HTML 35Page - Analog Devices LT3045 Datasheet HTML 36Page - Analog Devices LT3045 Datasheet HTML 37Page - Analog Devices LT3045 Datasheet HTML 38Page - Analog Devices LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
36 of 62
PSRR and Input Capacitance
For applications using the LT3074 for post-regulating switching converters, placing a capacitor directly at the input
of the LT3074 results in AC current (at the switching frequency) to flow near the LT3074. The relatively high frequency
switching current generates a magnetic field that couples to the output of the LT3074, degrading its effective power
supply rejection ratio (PSRR). While highly dependent on the PCB, the switching pre-regulator, and the input
capacitance, among other factors, the PSRR degradation is present even if the LT3074 is desoldered from the board
because it effectively degrades the PSRR of the PCB itself. While negligible for conventional, low PSRR, low dropout
(LDO) regulators, the high PSRR of the LT3074 requires careful attention to higher order parasitics to extract the full
performance offered by the regulator.
The input capacitor of the LT3074 cannot be completely removed to mitigate the flow of the high frequency switching
current near the LT3074 because with no in put capacitor present, as with any regulator, the input of the LT3074
oscillates at the parasitic LC resonant frequency. In addition it is generally common (and preferred) to bypass the
regulator input with some capacitance.
To that end, Analog Devices recommends using the LT3074 evaluation board layout for achieving the best possible
PSRR performance. The LT3074 evaluation board layout uses magnetic field cancellation techniques to prevent PSRR
degradation caused by this high frequency current flow, while using an input capacitor.
Filtering High Frequency Spikes
For applications where the LT3074 is used to post regulate a switching converter, its high PSRR effectively suppresses
any noise present at the switching frequency of the switching converter, typically 100kHz to 4MHz. However, the high
frequency (hundreds of MHz) spikes, beyond the bandwidth of the LT3074, associated with the power-switch
transition times of the switching converter almost directly pass through the LT3074. While the output capacitor is
intended to partly absorb these spikes, its ESL limits its ability at these frequencies. A ferrite bead or even the
inductance associated with a short (example 0.5”) PCB trace between the output of the switching converter and the
input of LT3074 can serve as an LC filter to suppress these high frequency spikes.
Output Noise
The LT3074 offers many advantages with respect to noise performance. Traditional linear regulators have several
sources of noise. The most critical noise sources for a traditional regulator are its voltage reference, error amplifier,
noise from the resistor divider network used for setting the output voltage, and the noise gain created by this resistor
divider. Many low noise regulators pin out their voltage reference to allow for noise reduction by bypassing the
reference voltage. Unlike most linear regulators, LT3074 does not use a voltage reference. Instead, the LT3074 uses
a 100µA current reference into the SETRES pin. The resultant voltage noise equals the current noise multiplied by the
resistor value, which in turn, is the root mean square (RMS) summed with the noise of the error amplifier and the
thermal noise of the resistor.
One problem that conventional linear regulators face is that the resistor divider setting the output voltage gains up
the reference noise. In contrast, the unity-gain architecture of the LT3074 presents no gain from the SETCAP pin to
the output. In addition, the SETCAP is decoupled from the SETRES pin internally with a small value filter resistor
(approximately 1kΩ). This filter resistor, along with the SETCAP capacitor, creates a low-pass filter (LPF) bypassing
the SETRES pin resistor noise. As a result, the output noise is independent of the programmed output voltage. The
resultant output noise is then set just by the noise of the error amplifier, typically 3.5nV/√Hz from a 10kHz to 1MHz
bandwidth and 1.2µVRMS from a 10Hz to 100kHz bandwidth using a 4.7µF capacitor. Paralleling multiple LT3074
devices further reduces noise by a factor of √N for N parallel regulators.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com