Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 58 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 58 Page - Analog Devices

Back Button LT3045 Datasheet HTML 54Page - Analog Devices LT3045 Datasheet HTML 55Page - Analog Devices LT3045 Datasheet HTML 56Page - Analog Devices LT3045 Datasheet HTML 57Page - Analog Devices LT3045 Datasheet HTML 58Page - Analog Devices LT3045 Datasheet HTML 59Page - Analog Devices LT3045 Datasheet HTML 60Page - Analog Devices LT3045 Datasheet HTML 61Page - Analog Devices LT3045 Datasheet HTML 62Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
58 of 62
Figure 93. Regulator with VIOC Buck Control
CSETCAP
4.7µF
COUT
10µF
0.22µF
RPG1
30kΩ
RPG2
15kΩ
RSETRES
5kΩ
800mV
51kΩ
RASELTOP
RASELBOT
0.47µF
2.2µF
L
10µH
48.7kΩ
200kΩ
6.49kΩ
LT3074
LT8610A
BIAS
BIASDF
IN
OUT
SENSE
SETCAP
IMON
SDA
SCL
ALERT
ASEL
AGND
EN/UV
VINLDO
VOUTLDO = 0.5V
IOUT(MAX) = 3A
VIOC
PG
CLKDIS
SETRES
BIASAF
DGND
PGFB
1×
+
–
VBIAS
SW
PG
FB
INTVCC
BIAS
BST
VIN
EN/UV
RT
150kΩ
fSW = 300kHz
TR/SS
SYNC
GND
3.4V TO 42V
VIN >= VOUTLDO + 1.5V
L: WURTH 74437346100
C1: AVX TCJD227M010R0040
VINLDO(MAX) = 0.97 × (48.7kΩ = 6.49kΩ = 200kΩ)/48.7kΩ = 5.08V
VINLDO × VOUTLDO = 1.1V – 0.8V = 0.3V FOR ALL PROGRAMMED VOUTLDO VALUES
1µF
16V
0.1µF
50V
0.1µF
0.1µF
10µF
50V
×2
C1
220µF
10V
10µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com