Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 43 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 43 Page - Analog Devices

Back Button LT3045 Datasheet HTML 39Page - Analog Devices LT3045 Datasheet HTML 40Page - Analog Devices LT3045 Datasheet HTML 41Page - Analog Devices LT3045 Datasheet HTML 42Page - Analog Devices LT3045 Datasheet HTML 43Page - Analog Devices LT3045 Datasheet HTML 44Page - Analog Devices LT3045 Datasheet HTML 45Page - Analog Devices LT3045 Datasheet HTML 46Page - Analog Devices LT3045 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
43 of 62
Table 10. Recommended Resistor Values for Address Programming Using ASEL pin
RASEL_TOP 1
RASEL_BOT 1
Address Lower Nibble
7-Bit Address
124kΩ
84.5kΩ
4’h0
7’h60 2
124kΩ
95.3kΩ
4’h1
7’h61 3
124kΩ
107kΩ
4’h2
7’h62
105kΩ
102kΩ
4’h3
7’h63
137kΩ
150kΩ
4’h4
7’h64
93.1kΩ
115kΩ
4’h5
7’h65
113kΩ
158kΩ
4’h6
7’h66
105kΩ
165kΩ
4’h7
7’h67
97.6kΩ
174kΩ
4’h8
7’h68
115kΩ
232kΩ
4’h9
7’h69
100kΩ
232kΩ
4’hA
7’h6A
90.9kΩ
243kΩ
4’hB
7’h6B
90.9kΩ
287kΩ
4’hC
7’h6C
69.8kΩ
261kΩ
4’hD
7’h6D
59kΩ
261kΩ
4’hE
7’h6E
47.5kΩ
261kΩ
4’hF
7’h6F 2
1
All resistors are 1% tolerance.
2
Optionally, connecting the ASEL pin to AGND sets the 7-bit address to 7’h60 and connecting the ASEL pin to BIASAF
sets the 7-bit address to 7’h6F.
3
This is also the SM Bus device default address. If using this address, it is the responsibility of the user to ensure there
is no contention on the bus.
Telemetry Readback
The LT3074 features an integrated 12-bit first order sigma-delta analog-to-digital converter (ADC) that monitors and
performs conversions on the output voltage, output current, input voltage, bias voltage, and temperature. The ADC
operates at a 1MHz clock frequency and is used in a round-robin fashion to monitor the physical quantities measured.
The output voltage and output current are measured with a 12-bit resolution approximately every 9.216ms. The input
voltage and bias voltage is measured with a 10-bit resolution approximately every 23.04ms. The die temperature is
measured with a 10-bit resolution approximately every 46.08ms. Figure 90 shows the round-robin pattern in which
the voltages, current, and temperature are measured, as well as the conversion times associated with each
measurement.
Figure 90. ADC Round-Robin Pattern
Fault Reporting and the ALERT pin
The LT3074 supports various overvoltage, undervoltage, overcurrent, minimum current, and overtemperature faults
and warnings. The ALERT pin is asserted low in response to any fault or warning that sets one or more bits of the
STATUS_BYTE and/or STATUS_WORD register. Figure 91 gives a summary of the fault bits reported by the LT3074.
MEASUREMENT
tCONV
VOUT
(12-BIT)
4.096ms
IOUT
(12-BIT)
4.096ms
VIN
(10-BIT)
1.024ms
VOUT
(12-BIT)
4.096ms
IOUT
(12-BIT)
4.096ms
VBIAS
(10-BIT)
1.024ms
VOUT
(12-BIT)
4.096ms
IOUT
(12-BIT)
4.096ms
VIN
(10-BIT)
1.024ms
VOUT
(12-BIT)
4.096ms
IOUT
(12-BIT)
4.096ms
VBIAS
(10-BIT)
1.024ms
TEMP
(10-BIT)
1.024ms
VOUT
(12-BIT)
4.096ms
IOUT
(12-BIT)
4.096ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com