Electronic Components Datasheet Search
  English  ▼

X  

LT3045 Datasheet(PDF) 48 Page - Analog Devices

Part # LT3045
Description  5.5V, 3A Ultralow Noise, High PSRR, 45mV Dropout Linear Regulator with PMBus
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3045 Datasheet(HTML) 48 Page - Analog Devices

Back Button LT3045 Datasheet HTML 44Page - Analog Devices LT3045 Datasheet HTML 45Page - Analog Devices LT3045 Datasheet HTML 46Page - Analog Devices LT3045 Datasheet HTML 47Page - Analog Devices LT3045 Datasheet HTML 48Page - Analog Devices LT3045 Datasheet HTML 49Page - Analog Devices LT3045 Datasheet HTML 50Page - Analog Devices LT3045 Datasheet HTML 51Page - Analog Devices LT3045 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 62 page
background image
Data Sheet
LT3074
analog.com
Rev 0.
48 of 62
can be up to a 10ms delay from the time the output voltage hits the limit to the time the fault is reported.
Transitionary faults that last for a time period smaller than the ADC conversion time are filtered out and not reported.
In response to the VOUT_UV_WARN_LIMIT being exceeded, the device:
Sets the NONE_OF_THE_ABOVE bit in STATUS_BYTE register.
Sets the VOUT bit in the STATUS_WORD register.
Sets the VOUT_UV_WARNING bit in the STATUS_VOUT register.
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_16u format.
IOUT_OC_FAULT_LIMIT
The IOUT_OC_FAULT_LIMIT command sets the output current limit in amperes. The current limit programming
range is from 1A to 6.4A with a step size of 50mA. Programmed current limit is rounded to the nearest 50mA step. For
example, 1.01A is rounded to 1A and 1.04A is rounded to 1.05A. If a current limit value less than 1A is programmed,
the data is accepted and stored in the IOUT_OC_FAULT_LIMIT register as received and internally the current limit
value is set at 1A. For output current limit values set above 4.5A, the current limit is governed by the backup current
limit of the LT3074 device.
In the event the output current hits the threshold set by the IOUT_OC_FAULT_LIMIT, the device:
Regulates the output current set by the IOUT_OC_FAULT_LIMIT.
Sets the IOUT_OC_FAULT bit in the STATUS_BYTE register.
Sets the IOUT bit in the STATUS_WORD register.
Sets the IOUT_OC_FAULT bit in the STATUS_IOUT register.
Notifies the host by asserting the ALERT pin.
This command has two data bytes and is formatted in the Linear_5s_11s format.
IOUT_OC_FAULT_RESPONSE
The IOUT_OC_FAULT_RESPONSE notifies the host of the action of the LT3074 when an overcurrent fault is detected.
Table 14. IOUT_OC_FAULT_RESPONSE Command Bit Field Descriptions
Bit
Access Mode
Description
7:6
Read Only
Response
Value
Output Status
‘b00
The LT3074 continues to operate indefinitely while maintaining the
output current at a value set by the IOUT_OC_FAULT_LIMIT without
regard for the output voltage (known as constant current or
brickwall limiting).
5:3
Read Only
Not supported since LT3074 never shuts down (bits are hardwired to ‘b000).
2:0
Read Only
Not supported since LT3074 never shuts down (bits are hard-wired to ‘b000).
In addition to the response mentioned above, the device:
Sets the IOUT_OC_FAULT bit in the STATUS_BYTE register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com