Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 40 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 35Page - Texas Instruments LM7480 Datasheet HTML 36Page - Texas Instruments LM7480 Datasheet HTML 37Page - Texas Instruments LM7480 Datasheet HTML 38Page - Texas Instruments LM7480 Datasheet HTML 39Page - Texas Instruments LM7480 Datasheet HTML 40Page - Texas Instruments LM7480 Datasheet HTML 41Page - Texas Instruments LM7480 Datasheet HTML 42Page - Texas Instruments LM7480 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
PACKAGE OUTLINE
4224874/C 11/2023
www.ti.com
WSON - 0.8 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
DRR0012E
A
0.08 C
0.1
C A B
0.05
C
B
SYMM
SYMM
0.1 MIN
(0.13)
SECTION A-A
TYPICAL
PIN 1 INDEX AREA
3.1
2.9
3.1
2.9
0.05
0.00
0.8
0.7
SEATING PLANE
C
2X
2.5
A
A
PIN 1 ID
(45° X 0.3)
1
10X 0.5
12X 0.52
0.32
12X 0.3
0.2
(0.43) TYP
2.6
2.4
1.4
1.2
(0.2) TYP
6
7
12
13
(0.16) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com