Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 17Page - Texas Instruments LM7480 Datasheet HTML 18Page - Texas Instruments LM7480 Datasheet HTML 19Page - Texas Instruments LM7480 Datasheet HTML 20Page - Texas Instruments LM7480 Datasheet HTML 21Page - Texas Instruments LM7480 Datasheet HTML 22Page - Texas Instruments LM7480 Datasheet HTML 23Page - Texas Instruments LM7480 Datasheet HTML 24Page - Texas Instruments LM7480 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
10.2.3 Detailed Design Procedure
10.2.3.1 Design Considerations
Table 10-1 summarizes the design parameters that must be known for designing an automotive reverse battery
protection circuit with overvoltage cut-off. During power up, inrush current through MOSFET Q2 needs to be
limited so that the MOSFET operates well within its SOA. Maximum load current, maximum ambient temperature
and thermal properties of the PCB determine the RDSON of the MOSFET Q2 and maximum operating voltage
determines the voltage rating of the MOSFET Q2. Selection of MOSFET Q2 is determined mainly by the
maximum operating load current, maximum ambient temperature, maximum frequency of AC super imposed
voltage ripple and ISO 7637-2 pulse 1 requirements. overvoltage threshold is decided based on the rating
of downstream DC/DC converter or other components after the reverse battery protection circuit. A single
bi-directional TVS or two back-back uni-directional TVS are required to clamp input transients to a safe operating
level for the MOSFETs Q1, Q2 and LM7480.
10.2.3.2 Charge Pump Capacitance VCAP
Minimum required capacitance for charge pump VCAP is based on input capacitance of the MOSFET Q1,
CISS(MOSFET_Q1)and input capactiance of Q2 CISS(MOSFET).
Charge Pump VCAP: Minimum 0.1 µF is required; recommended value of VCAP (µF) ≥ 10 x ( CISS(MOSFET_Q1) +
CISS(MOSFET_Q2) ) (µF)
10.2.3.3 Input and Output Capacitance
A minimum input capacitance CIN of 0.1 µF and output capacitance COUT of 0.1 µF is recommended.
10.2.3.4 Hold-Up Capacitance
Usually bulk capacitors are placed on the output due to various reasons such as uninterrupted operation during
power interruption or micro-short at the input, hold-up requirements for doing a memory dump before turning
of the module and filtering requirements as well. This design considers minimum bulk capacitors requirements
for meeting functional status "A" during LV124 E10 test case 2 100-µs input interruption. To achieve functional
pass status A, acceptable voltage droop in the output of LM7480 is based on the UVLO settings of downstream
DC-DC converters. For this design, 2.5-V drop in output voltage for 100 µs is considered and the minimum
hold-up capacitance required is calculated by
(3)
Minimum hold-up capacitance required for 2.5-V drop in 100 µs is 200 µF. Note that the typical application circuit
shows the hold-up capacitor as optional because not all designs require hold-up capacitance.
10.2.3.5 Overvoltage Protection and Battery Monitor
Resistors R1, R2 and R3 connected in series are used to program the overvoltage threshold and battery monitor
ratio. The resistor values required for setting the overvoltage threshold VOV to 37.0 V and battery monitor ratio
VBATT_MON : VBATT to 1:8 are calculated by solving Equation 3 and Equation 4.
(4)
(5)
For minimizing the input current drawn from the battery through resistors R1, R2 and R3, it recommended to
use higher value of resistance. Using high value resistors will add error in the calculations because the current
www.ti.com
LM7480
SNOSDD8 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com