Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 3 Page - Texas Instruments

  LM7480 Datasheet HTML 1Page - Texas Instruments LM7480 Datasheet HTML 2Page - Texas Instruments LM7480 Datasheet HTML 3Page - Texas Instruments LM7480 Datasheet HTML 4Page - Texas Instruments LM7480 Datasheet HTML 5Page - Texas Instruments LM7480 Datasheet HTML 6Page - Texas Instruments LM7480 Datasheet HTML 7Page - Texas Instruments LM7480 Datasheet HTML 8Page - Texas Instruments LM7480 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
5 Device Comparison Table
LM74800
LM74801
Reverse Current Blocking
V(A-C) linear regulation and comparator
V(A-C) comparator only
6 Pin Configuration and Functions
11
10
9
8
7
2
3
4
5
6
C
DGATE
A
OV
VSNS
SW
GND
OUT
CAP
DRR
1
12
HGATE
EN/UVLO
VS
Exposed
Thermal
Pad
Figure 6-1. DRR Package, 12-Pin WSON (Top View)
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
LM7480
DRR-12 (WSON)
DGATE
1
O
Diode Controller Gate Drive Output. Connect to the GATE of the external
MOSFET.
A
2
I
Anode of the ideal diode. Connect to the source of the external MOSFET.
VSNS
3
I
Voltage sensing input.
SW
4
I
Voltage sensing disconnect switch terminal. VSNS and SW are internally
connected through a switch. Use SW as the top connection of the battery
sensing or OV resistor ladder network. When EN/UVLO is pulled low, the switch
is OFF disconnecting the resistor ladder from the battery line thereby cutting off
the leakage current. If the internal disconnect switch between VSNS and SW is
not used then short them together and connect to VS pin.
OV
5
I
Adjustable overvoltage threshold input. Connect a resistor ladder across SW to
OV terminal. When the voltage at OVP exceeds the overvoltage cut-off threshold
then the HGATE is pulled low turning OFF the HSFET. HGATE turns ON when
the sense voltage goes below the OVP falling threshold.
EN/UVLO
6
I
EN/UVLO Input. Connect to VS pin for always ON operation. Can be driven
externally from a micro controller I/O. Pulling it low below V(ENF) makes the
device enter into low Iq shutdown mode. For UVLO, connect an external resistor
ladder to EN/UVLO to GND.
GND
7
G
Connect to the system ground plane.
HGATE
8
O
GATE driver output for the HSFET. Connect to the GATE of the external FET.
OUT
9
I
Connect to the output rail (external MOSFET source).
VS
10
I
Input power supply to the IC. Connect VS to middle point of the common drain
back to back MOSFET configuration. Connect a 100-nF capacitor across VS and
GND pins.
CAP
11
O
Charge pump output. Connect a 100-nF capacitor across CAP and VS pins.
C
12
I
Cathode of the ideal diode. Connect to the drain of the external MOSFET.
RTN
Thermal Pad
—
Leave exposed pad floating. Do Not connect to GND plane.
www.ti.com
LM7480
SNOSDD8 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com