Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 2Page - Texas Instruments LM7480 Datasheet HTML 3Page - Texas Instruments LM7480 Datasheet HTML 4Page - Texas Instruments LM7480 Datasheet HTML 5Page - Texas Instruments LM7480 Datasheet HTML 6Page - Texas Instruments LM7480 Datasheet HTML 7Page - Texas Instruments LM7480 Datasheet HTML 8Page - Texas Instruments LM7480 Datasheet HTML 9Page - Texas Instruments LM7480 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
7.5 Electrical Characteristics (continued)
TJ = –55°C to +125°C; typical values at TJ = 25°C, V(A) = V(OUT) = V(VS) = V(VSNS) = 12 V, V(AC) = 20 mV, C(VCAP) = 0.1 µF,
V(EN/UVLO) = 2 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
V(CAP UVLO)
Charge Pump UVLO voltage
threshold, rising
5.4
6.6
7.9
V
Charge Pump UVLO voltage
threshold, falling
4.4
5.5
6.6
V
IDEAL DIODE (A, C, DGATE)
V(A_PORR)
V(A) POR threshold, rising
2.2
2.35
2.6
V
V(A_PORF)
V(A) POR threshold, falling
2
2.2
2.4
V
V(AC_REG)
Regulated Forward V(A)–V(C)
Threshold
For LM74800 Only
6.8
10
13.4
mV
V(AC_REV)
V(A)–V(C) Threshold for Fast Reverse
Current Blocking
–6.5
–5.5
–1.3
mV
V(AC_FWD)
V(A)–V(C) Threshold for Reverse to
Forward transition
150
177
220
mV
V(DGATE) – V(A)
Gate Drive Voltage
3 V < V(S) < 5 V
7
V
5 V < V(S) < 65 V
10
11.5
13
V
I(DGATE)
Peak Gate Source current
V(A) – V(C) = 100 mV, V(DGATE) – V(A) =
1 V
20
mA
Peak Gate Sink current
V(A) – V(C) = –12 mV, V(DGATE) – V(A) =
11 V
2670
mA
Regulation sink current
V(A) – V(C) = 0 V, V(DGATE) – V(A) = 11
V, LM74800 Only
7.2
12.3
µA
I(C)
Cathode leakage Current
V(A) = –14 V, V(C) = 12 V, LM74801
0.1
2.84
15
µA
V(A) = –14 V, V(C) = 12 V, LM74800
4
8.77
32
µA
HIGH SIDE CONTROLLER (HGATE, OUT, SNS, SW, OV)
V(HGATE) – V(OUT)
Gate Drive Voltage
3 V < V(S) < 5 V
7
V
5 V < V(S) < 65 V
10
11.1
14.5
V
I(HGATE)
Source Current
39
55
75
µA
Sink Current
V(OV) > V(OVR)
168
260
mA
7.6 Switching Characteristics
TJ = –55°C to +125°C; typical values at TJ = 25°C, V(A) = V(C) = V(OUT) = V(VS) = 12V, V(AC) = 20 mV, C(VCAP) = 0.1 µF,
V(EN/UVLO) = 2 V, over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tDGATE_OFF(dly)
DGATE Turnoff Delay during reverse
voltage detection
V(A) – V(C) = +30 mV to –100 mV
to V(DGATE–A) < 1 V, C(DGATE–A) = 10
nF
0.5
0.875
µs
tDGATE_ON(dly)
DGATE Turnon Delay during forward
voltage detection
V(A) – V(C) = –20 mV to +700
mV to V(DGATE-A) > 5 V, C(DGATE-A) =
10 nF
2.8
3.8
µs
tEN(dly)_DGATE
DGATE Turnon Delay during EN/
UVLO
EN/UVLO ↑ to V(DGATE-A) > 5V,
C(DGATE-A) = 10 nF
98
175
270
µs
tEN_OFF(deg)_DGATE
DGATE Turnoff Deglitch during EN/
UVLO
EN/UVLO ↓ to DGATE ↓
8.1
µs
tEN_OFF(deg)_HGATE
HGATE Turnoff Deglitch during EN/
UVLO
EN/UVLO ↓ to HGATE ↓
3
4.6
6
µs
tOVP_OFF(deg)_HGAT
E
HGATE Turnoff Deglitch during OV
OV ↑ to HGATE ↓, For LM74800 only
3.98
5.4
µs
OV ↑ to HGATE ↓, For LM74801 only
3.2
4.7
µs
LM7480
SNOSDD8 – DECEMBER 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com