Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 29 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 25Page - Texas Instruments LM7480 Datasheet HTML 26Page - Texas Instruments LM7480 Datasheet HTML 27Page - Texas Instruments LM7480 Datasheet HTML 28Page - Texas Instruments LM7480 Datasheet HTML 29Page - Texas Instruments LM7480 Datasheet HTML 30Page - Texas Instruments LM7480 Datasheet HTML 31Page - Texas Instruments LM7480 Datasheet HTML 32Page - Texas Instruments LM7480 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
10.3.3 Application Curves
Figure 10-21. Unsuppressed Load Dump 200 V -
Output Clamp
Figure 10-22. Unsuppressed Load Dump 200 V -
Output Cut-off
Figure 10-23. ISO 7637-2 Pulse 1 –600 V 50 Ω
Figure 10-24. ISO 7637-2 Pulse 1 –600 V 50 Ω
Figure 10-25. Power up 12 V - HGATE and Output
Figure 10-26. Power up 12 V - DGATE and A
www.ti.com
LM7480
SNOSDD8 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com