Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 19 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 15Page - Texas Instruments LM7480 Datasheet HTML 16Page - Texas Instruments LM7480 Datasheet HTML 17Page - Texas Instruments LM7480 Datasheet HTML 18Page - Texas Instruments LM7480 Datasheet HTML 19Page - Texas Instruments LM7480 Datasheet HTML 20Page - Texas Instruments LM7480 Datasheet HTML 21Page - Texas Instruments LM7480 Datasheet HTML 22Page - Texas Instruments LM7480 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
10 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
10.1 Application Information
LM7480 controls two N-channel power MOSFETs with DGATE used to control diode MOSFET to emulate
an ideal diode and HGATE controlling second MOSFET for power path cut-off when disabled or during an
overvoltage protection. HGATE controlled MOSFET can be used to clamp the output during overvoltage or load
dump conditions. LM7480 can be placed into low quiescent current mode using EN/UVLO, where both DGATE
and HGATE are turned OFF.
The device has a separate supply input pin (Vs). The charge pump is derived from this supply input. With the
separate supply input provision and separate GATE control architecture, the LM7480 device offers flexibility in
system design architectures and enables circuit design with various power path control topologies like common
drain, common source, ORing and Power MUXing. With these various topologies, the system designers can
design the front-end power system to meet various system design requirements. For more information, see the
Six System Architectures With Robust Reverse Battery Protection Using an Ideal Diode Controller Application
Report.
10.2 Typical 12-V Reverse Battery Protection Application
A typical application circuit of LM74800 configured in common-drain topology to provide reverse battery
protection with overvoltage protection is shown in Figure 10-1.
GND
DGATE
A
HGATE
OUT
C
EN/UVLO
VOUT1
LM74800
CAP
VS
ON OFF
Q1
Q2
D1
SW
R2
R1
OV
VSNS
R3
BATT_MON
CIN
CLOAD
CVS
CCAP
SMBJ33CA
47 µF
0.1µF
0.1µF
0.1µF
R4
CdVdT
VBATT
90.9k
9.09k
3.48k
100
10nF
VOUT2 (ALWAYS ON)
Figure 10-1. Typical Application Circuit: 12-V Reverse Battery Protection and Overvoltage Protection
www.ti.com
LM7480
SNOSDD8 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com