Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 16 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 12Page - Texas Instruments LM7480 Datasheet HTML 13Page - Texas Instruments LM7480 Datasheet HTML 14Page - Texas Instruments LM7480 Datasheet HTML 15Page - Texas Instruments LM7480 Datasheet HTML 16Page - Texas Instruments LM7480 Datasheet HTML 17Page - Texas Instruments LM7480 Datasheet HTML 18Page - Texas Instruments LM7480 Datasheet HTML 19Page - Texas Instruments LM7480 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
For Inrush Current limiting, connect CdVdT capacitor and R1 as shown in Figure 9-3.
HGATE
OUT
LM7480x
Q1
R
1
C
dVdT
Figure 9-3. Inrush Current Limiting
The CdVdT capacitor is required for slowing down the HGATE voltage ramp during power up for inrush current
limiting. Use Equation 2 to calculate CdVdT capacitance value.
_
HGATE
DRV
dVdT
OUT
INRUSH
I
C
xC
I
(2)
where IHATE_DRV is 55 μA (typ), IINRUSH is the inrush current and COUT is the output load capacitance. An extra
resistor, R1, in series with the CdVdT capacitor improves the turn off time.
9.3.3 Overvoltage Protection and Battery Voltage Sensing (VSNS, SW, OV)
Connect a resistor ladder as shown in Figure 9-4 for overvoltage threshold programming.
LM7480x
R2
R1
R3
VIN_MON
OV
VIN
+
HGATE_OFF
1.23 V
1.13 V
SW
A
EN
VSNS
Figure 9-4. Programming Overvoltage Threshold and Battery Sensing
A disconnect switch is integrated between VSNS and SW pins. This switch is turned OFF when EN/UVLO pin is
pulled low. This helps to reduce the leakage current through the resistor divider network during system shutdown
state (IGN_OFF state).
LM7480-Q1 OV pin can also be used as a control input to turn off HGATE drive to achieve load disconnect
functionality. When OV pin is driven high (VOV > VOVR), device pulls down HGATE to OUT thus turning off the
load disconnect MOSFET. When OV pin is pulled low (VOV < VOVF) HGATE drive is again enabled to trun on
the load disconnect MOSFET. When OV pin is used as a control input to turn on/off load disconnect MOSFET,
ensure device EN/UVLO pin is high (VEN/UVLO > VENR) and SW/VSNS pin voltage is higher than OV pin voltage.
9.3.4 Low Iq Shutdown and Under Voltage Lockout (EN/UVLO)
The enable pin allows for the gate driver to be either enabled or disabled by an external signal. If the EN/UVLO
pin voltage is greater than the rising threshold, the gate driver and charge pump operates as described in
Charge Pump section. If EN/UVLO pin voltage is less than the input low threshold, V(ENF), the charge pump
LM7480
SNOSDD8 – DECEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com