Electronic Components Datasheet Search
  English  ▼

X  

LM7480 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM7480
Description  LM7480 3-V to 65-V, Ideal Diode Controller Driving Back to Back NFETs
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7480 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM7480 Datasheet HTML 13Page - Texas Instruments LM7480 Datasheet HTML 14Page - Texas Instruments LM7480 Datasheet HTML 15Page - Texas Instruments LM7480 Datasheet HTML 16Page - Texas Instruments LM7480 Datasheet HTML 17Page - Texas Instruments LM7480 Datasheet HTML 18Page - Texas Instruments LM7480 Datasheet HTML 19Page - Texas Instruments LM7480 Datasheet HTML 20Page - Texas Instruments LM7480 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
and both the gate drivers (DGATE and HGATE) are disabled placing the LM7480 in shutdown mode. If V(ENF) <
V(EN/UVLO) < V(UVLOF) then only HGATE is disabled disconnecting the load from the supply, DGATE remains ON.
The EN/UVLO pin can withstand a maximum voltage of 65 V. For always ON operation connect EN/UVLO pin to
VS.
9.4 Device Functional Modes
Shutdown Mode
The LM7480 enters shutdown mode when the EN/UVLO pin voltage is below the specified input low threshold
V(ENF). Both the gate drivers and the charge pump are disabled in shutdown mode. During shutdown mode the
LM7480 enters low IQ operation with a total input quiescent consumption of 2.87 µA (typ). When the LM7480 is
in shutdown mode, forward current flow to always ON loads connected to the common drain point of the back to
back MOSFETs is not interrupted but is conducted through the MOSFET's body diode.
9.5 Application Examples
9.5.1 Redundant Supply OR-ing with Inrush Current Limiting, Overvoltage Protection and ON/OFF
Control
GND
GATE
ANODE
CATHODE
EN
VIN1
LM74700-Q1
VCAP
D1
SMBJ36CA
ON OFF
Q1
GND
DGATE
A
HGATE
OUT
C
EN/UVLO
VIN2
VOUT1
VOUT2
LM74800-Q1
CAP VS
ON OFF
Q1
Q2
D2
SMBJ36CA
SW
R2
R1
OV
VSNS
R3
BATT_MON
VS
VS
Figure 9-5. Redundant Supply OR-ing with Overvoltage Protection and ON/OFF Control
Figure 9-5 shows the implementation of Dual OR-ing with Inrush Current Limiting, overvoltage Protection and
power path ON/OFF control. The input side SMBJ36CA TVS across the ideal diodes is required for ISO7637
Pulse 1 transient suppression to limit the input voltage within the device max voltage rating of –65V.
R1 and R2 are the programming resistors for over voltage protection (OVP) threshold. When the voltage at
OV pin exceeds OV cut-off reference threshold then the HGATE driver turns OFF the FET Q3, disconnecting
the power path and protecting the downstream load. HGATE goes high once the OVP pin voltage goes below
the OVP falling hysteresis threshold. Use 0.1-μF to 1-μF capacitor across VS to CAP pins of the LM7480.
This is the charge pump capacitor and acts as the supply for both the DGATE and HGATE driver stages. The
DGATE driver of the LM7480 is equipped with 20-mA peak source current and 2.6-A peak sink current capability
www.ti.com
LM7480
SNOSDD8 – DECEMBER 2022
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LM7480



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com