Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 2 Page - Microchip Technology

  MCP14628 Datasheet HTML 1Page - Microchip Technology MCP14628 Datasheet HTML 2Page - Microchip Technology MCP14628 Datasheet HTML 3Page - Microchip Technology MCP14628 Datasheet HTML 4Page - Microchip Technology MCP14628 Datasheet HTML 5Page - Microchip Technology MCP14628 Datasheet HTML 6Page - Microchip Technology MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
MCP14628
DS20002083B-page 2
 2008-2024 Microchip Technology Inc. and its subsidiaries
Typical Application Schematic
Functional Block Diagram
UGATE
LGATE
PHASE
GND
BOOT
VCC
FCCM
PWM
CBOOT
FB
VREF
COMP
GND
VEXT
VCC
CS
OSC IN
MCP1630
MCP14628
REFERENCE VOLTAGE
VSUPPLY = 12V
VCC = 5V
OSCILLATOR
FROM MCU
CURRENT
SENSE
CURRENT
SENSE
QH
QL
FCCM
CONTROL
BOOT
HIGHDR
PHASE
LOWDR
VCC
FCCM
PWM
GND
VCC
R
R
Level
Shift
Control
Logic &
Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com