Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 4 Page - Microchip Technology

  MCP14628 Datasheet HTML 1Page - Microchip Technology MCP14628 Datasheet HTML 2Page - Microchip Technology MCP14628 Datasheet HTML 3Page - Microchip Technology MCP14628 Datasheet HTML 4Page - Microchip Technology MCP14628 Datasheet HTML 5Page - Microchip Technology MCP14628 Datasheet HTML 6Page - Microchip Technology MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MCP14628
DS20002083B-page 4
 2008-2024 Microchip Technology Inc. and its subsidiaries
TEMPERATURE CHARACTERISTICS
Low Drive Source Resistance
—
1
2.5
500 mA source current,
Note 1
Low Drive Sink Resistance
—
0.5
1.0
500 mA sink current,
Note 1
Low Drive Source Current
—
2.0
—
A
Note 1
Low Drive Sink Current
—
3.5
—
A
Note 1
Switching Times
HIGHDR Rise Time
tRH
—10—
ns
CL =3.3 nF,
Note 1, Note 2
LOWDR Rise Time
tRL
—10—
ns
CL = 3.3 nF,
Note 1, Note 2
HIGHDR Fall Time
tFH
—10—
ns
CL =3.3 nF,
Note 1, Note 2
LOWDR Fall Time
tFL
—6.0
—
ns
CL =3.3 nF,
Note 1, Note 2
HIGHDR Turn-off Propagation
Delay
tPDLH
—
15
—
ns
No Load, Note 2
LOWDR Turn-off Propagation
Delay
tPDLL
—
16
—
ns
No Load, Note 2
HIGHDR Turn-on Propagation
Delay
tPDHH
10
18
30
ns
No Load, Note 2
LOWDR Turn-on Propagation
Delay
tPDHL
10
22
30
ns
No Load, Note 2
Tri-State Propagation Delay
tPTS
—
35
—
ns
No Load, Note 2
Minimum LOWDR On Time in DCM tLGMIN
—
400
—
ns
FCCM pin low Note 1
Electrical Specifications: Unless otherwise noted, all parameters apply with VCC = 5V.
Parameter
Sym
Min
Typ
Max
Units
Comments
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Storage Temperature
TA
-65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 8L-SOIC
JA
—
149.5
—
°C/W
Thermal Resistance, 8L-DFN (3x3)
JA
—
60.0
—
°C/W
Typical Four-layer board
with vias to ground plane
DC CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise noted, VCC =5V, TJ = -40°C to +125°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Parameter ensured by design, not production tested.
2: See Figure 4-1 for parameter definition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com