Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP14628 Datasheet HTML 4Page - Microchip Technology MCP14628 Datasheet HTML 5Page - Microchip Technology MCP14628 Datasheet HTML 6Page - Microchip Technology MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology MCP14628 Datasheet HTML 10Page - Microchip Technology MCP14628 Datasheet HTML 11Page - Microchip Technology MCP14628 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP14628
DS20002083B-page 8
 2008-2024 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE.
3.1
High-side Gate Driver Pin
(HIGHDR)
The HIGHDR pin provides the gate drive signal to
control the high-side power MOSFET. The gate of the
high-side power MOSFET is connected to this pin.
3.2
Floating Bootstrap Supply Pin
(BOOT)
The BOOT pin is the floating bootstrap supply pin for
the high-side gate drive. A capacitor is connected
between this pin and the PHASE pin to provide the
necessary charge to turn on the high-side power
MOSFET.
3.3
PWM Input Control Pin (PWM)
The control input signal is supplied to the PWM pin.
This tri-state pin controls the state of the HIGHDR and
LOWDR pins. Placing a voltage equal to VCC/2 on this
pin causes both the HIGHDR and LOWDR to a low
state.
3.4
Ground Pin (GND)
The GND pin provides ground for the MCP14628 cir-
cuitry. It should have a low impedance connection to
the bias supply source return. High peak currents will
flow out the GND pin when the low-side power
MOSFET is being turned off.
3.5
Low-side Gate Driver Pin
(LOWDR)
The LOWDR pin provides the gate drive signal to
control the low-side power MOSFET. The gate of the
low-side power MOSFET is connected to this pin.
3.6
Supply Input Voltage Pin (VCC)
The VCC pin provides bias to the MCP14628. A bypass
capacitor is to be placed between this pin and the GND
pin. This capacitor should be placed as close to the
MCP14628 as possible.
3.7
Forced Continuous Conduction
Mode Pin (FCCM)
The FCCM pin enables or disables the forced
continuous conduction mode. With the FCCM pin
connected to ground the MCP14628 enters a diode
emulation mode to improve system efficiency at light
loads. Continuous conduction is forced if the FCCM pin
is connected to VCC.
3.8
Switch Node Pin (PHASE)
The PHASE pin provides the return path for the high-
side gate driver. The source of the high-side power
MOSFET is connected to this pin.
3.9
DFN Exposed Pad
The exposed metal pad of the DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane or other
copper plane on a printed circuit board to aid in heat
removal from the package.
SOIC
3x3 DFN
Symbol
Description
1
1
HIGHDR
High-side Gate Driver Pin
2
2
BOOT
Floating Bootstrap Supply Pin
3
3
PWM
PWM Input Control Pin
4
4
GND
Ground
5
5
LOWDR
Low-side Gate Driver Pin
66
VCC
Supply Input Voltage
7
7
FCCM
Forced Continuous Conduction Mode Pin
8
8
PHASE
Switch Node Pin
—
PAD
NC
Exposed Metal Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com