Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP14628 Datasheet HTML 2Page - Microchip Technology MCP14628 Datasheet HTML 3Page - Microchip Technology MCP14628 Datasheet HTML 4Page - Microchip Technology MCP14628 Datasheet HTML 5Page - Microchip Technology MCP14628 Datasheet HTML 6Page - Microchip Technology MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology MCP14628 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
MCP14628
DS20002083B-page 6
 2008-2024 Microchip Technology Inc. and its subsidiaries
FIGURE 2-7:
Supply Current vs.
Frequency.
FIGURE 2-8:
DCM to CCM Transition
Operation.
FIGURE 2-9:
Load Transition
(0.5A - 15A).
FIGURE 2-10:
Supply Current vs.
Temperature.
FIGURE 2-11:
CCM to DCM Transition
Operation.
FIGURE 2-12:
Load Transition
(15A - 0.5A).
0
10
20
30
40
50
60
70
100
1000
10000
Frequency (kHz)
CLOAD = 3,300 pF
Duty Cycle = 30%
580
600
620
640
660
680
700
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
CLOAD = 3,300 pF
FSW = 12.5 kHz
Duty Cycle = 30%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com