Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP14628 Datasheet HTML 9Page - Microchip Technology MCP14628 Datasheet HTML 10Page - Microchip Technology MCP14628 Datasheet HTML 11Page - Microchip Technology MCP14628 Datasheet HTML 12Page - Microchip Technology MCP14628 Datasheet HTML 13Page - Microchip Technology MCP14628 Datasheet HTML 14Page - Microchip Technology MCP14628 Datasheet HTML 15Page - Microchip Technology MCP14628 Datasheet HTML 16Page - Microchip Technology MCP14628 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
 2008-2024 Microchip Technology Inc. and its subsidiaries
DS20002083B-page 13
MCP14628
6.0
PACKAGING INFORMATION
6.1
Package Marking Information (Not to Scale)
8-Lead SOIC (150 mil)
Example:
256
14628E
8-Lead DFN
Example
:
XXXX
YYWW
NNN
SN ^2403
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
CABA
2403
256
NNN
XXXXXXXX
XXXXYYWW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com