Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology MCP14628 Datasheet HTML 10Page - Microchip Technology MCP14628 Datasheet HTML 11Page - Microchip Technology MCP14628 Datasheet HTML 12Page - Microchip Technology MCP14628 Datasheet HTML 13Page - Microchip Technology MCP14628 Datasheet HTML 14Page - Microchip Technology MCP14628 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
 2008-2024 Microchip Technology Inc. and its subsidiaries
DS20002083B-page 11
MCP14628
5.0
APPLICATION INFORMATION
5.1
Bootstrap Capacitor Select
The selection of the bootstrap capacitor is based upon
the total gate charge of the high-side power MOSFET
and the allowable droop in gate drive voltage while the
high-side power MOSFET is conducting.
EQUATION 5-1:
For example:
QGATE = 30 nC
VDROOP = 200 mV
CBOOT 0.15 μF
A low ESR ceramic capacitor is recommend with a
maximum voltage rating that exceeds the maximum
input voltage, VCC, plus the maximum supply voltage,
VSUPPLY. It is also recommended that the capacitance
of CBOOT not exceed 1.2 μF.
5.2
Decoupling Capacitor
Proper decoupling of the MCP14628 is highly
recommended to help ensure reliable operation. This
decoupling capacitor should be placed as close to the
MCP14628 as possible. The large currents required to
quickly charge the capacitive loads are provided by this
capacitor. A
low
ESR
ceramic
capacitor
is
recommended.
5.3
Power Dissipation
The power dissipated in the MCP14628 consists of the
power loss associated with the quiescent power and
the gate charge power.
The quiescent power loss can be calculated by the
following equation and is typically negligible compared
to the gate drive power loss.
EQUATION 5-2:
The main power loss occurs from the gate charge
power loss. This power loss can be defined in terms of
both the high-side and low-side power MOSFETs.
EQUATION 5-3:
5.4
PCB Layout
Proper PCB layout is important in a high current, fast
switching circuit to provide proper device operation.
Improper component placement may cause errant
switching, excessive voltage ringing, or circuit latch-up.
There are two important states of the MCP14628
outputs, high and low. Figure 5-1 depicts the current
flow paths when the outputs of the MCP14628 are high
and the power MOSFETs are turned on. Charge
needed to turn on the low-side power MOSFET comes
from the decoupling capacitor CVCC. Current flows from
this capacitor through the internal LOWDR circuitry,
into the gate of the low-side power MOSFET, out the
source, into the ground plane, and back to CVCC. To
reduce any excess voltage ringing or spiking, the
inductance and area of this current loop must be
minimized.
CBOOT
QGATE
V
DROOP
-----------------------
Where:
CBOOT
=
bootstrap capacitor value
QGATE
=
total gate charge of the high-
side MOSFET
VDROOP
=
allowable gate drive voltage
droop
PQ
IVCC VCC
=
Where:
PQ
=
Quiescent Power Loss
IVCC
=
No Load Bias Current
VCC
=
Bias Voltage
PGATE
PHIGHDR PLOWDR
+
=
PHIGHDR
VCC QHIGH
FSW
=
PLOWDR
VCC QLOW
FSW
=
Where:
PGATE
=
Total Gate Charge Power Loss
PHIGHDR
=
High-Side Gate Charge Power
Loss
PLOWDR
=
Low-Side Gate Charge Power
Loss
VCC
=
Bias Supply Voltage
QHIGH
=
High-Side MOSFET Total Gate
Charge
QLOW
=
Low-Side MOSFET Total GAte
Charge
FSW
=
Switching Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com