Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP14628 Datasheet HTML 17Page - Microchip Technology MCP14628 Datasheet HTML 18Page - Microchip Technology MCP14628 Datasheet HTML 19Page - Microchip Technology MCP14628 Datasheet HTML 20Page - Microchip Technology MCP14628 Datasheet HTML 21Page - Microchip Technology MCP14628 Datasheet HTML 22Page - Microchip Technology MCP14628 Datasheet HTML 23Page - Microchip Technology MCP14628 Datasheet HTML 24Page - Microchip Technology MCP14628 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
 2008-2024 Microchip Technology Inc. and its subsidiaries
DS20002083B-page 21
MCP14628
APPENDIX A: REVISION HISTORY
Revision B (February 2024)
• Replaced +85°C with +125°C in the Temperature
Characteristics table and Product Identifica-
tion System.
• Added automotive qualification to Features and
examples to Product Identification System.
• Updated drawings and layout in Section 6.0
“Packaging Information”.
• Minor text changes throughout the text.
Revision A (March 2008)
• Original release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com