Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 5 Page - Microchip Technology

  MCP14628 Datasheet HTML 1Page - Microchip Technology MCP14628 Datasheet HTML 2Page - Microchip Technology MCP14628 Datasheet HTML 3Page - Microchip Technology MCP14628 Datasheet HTML 4Page - Microchip Technology MCP14628 Datasheet HTML 5Page - Microchip Technology MCP14628 Datasheet HTML 6Page - Microchip Technology MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
 2008-2024 Microchip Technology Inc. and its subsidiaries
DS20002083B-page 5
MCP14628
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with VCC = 5.0V.
FIGURE 2-1:
Rise Times vs. Capacitive
Load.
FIGURE 2-2:
HIGHDR Rise and Fall Time
vs. Temperature.
FIGURE 2-3:
HIGHDR Propagation Delay
vs. Temperature.
FIGURE 2-4:
Fall Times vs. Capacitive
Load.
FIGURE 2-5:
LOWDR Rise and Fall Time
vs. Temperature.
FIGURE 2-6:
LOWDR Propagation Delay
vs. Temperature.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
5
10
15
20
25
0
1500
3000
4500
6000
7500
Capacitive Load (pF)
tRH
tRL
6
7
8
9
10
11
12
13
14
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
tRH
tFH
CLOAD = 3,300 pF
10
12
14
16
18
20
22
24
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
tPDHH
tPDLH
CLOAD = 3,300 pF
0
5
10
15
20
25
0
1500
3000
4500
6000
7500
Capacitive Load (pF)
tFH
tFL
4
5
6
7
8
9
10
11
12
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
tRL
tFL
CLOAD = 3,300 pF
12
14
16
18
20
22
24
26
28
30
-40 -25 -10 5
20 35 50 65 80 95 110 125
Temperature (°C)
tPDHL
tPDLL
CLOAD = 3,300 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com