Electronic Components Datasheet Search
  English  ▼

X  

MCP14628 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP14628
Description  2A Synchronous Buck Power MOSFET Driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14628 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP14628 Datasheet HTML 5Page - Microchip Technology MCP14628 Datasheet HTML 6Page - Microchip Technology MCP14628 Datasheet HTML 7Page - Microchip Technology MCP14628 Datasheet HTML 8Page - Microchip Technology MCP14628 Datasheet HTML 9Page - Microchip Technology MCP14628 Datasheet HTML 10Page - Microchip Technology MCP14628 Datasheet HTML 11Page - Microchip Technology MCP14628 Datasheet HTML 12Page - Microchip Technology MCP14628 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2008-2024 Microchip Technology Inc. and its subsidiaries
DS20002083B-page 9
MCP14628
4.0
DETAILED DESCRIPTION
4.1
Device Overview
The MCP14628 is a dual MOSFET gate driver
designed to optimally drive both high-side and low-side
N-channel MOSFETs arranged in a non-isolated
synchronous buck converter topology.
The MCP14628 is capable of suppling 2A (typical)
peak current to the floating high-side power MOSFET
that is connected to the HIGHDR pin. With the
exception of a capacitor, all of the circuitry needed to
drive this high-side N-channel MOSFET is internal to
the MCP14628. A blocking device is placed between
the VCC and BOOT pins that allows the bootstrap
capacitor to be charged to VCC when the low-side
power MOSFET is conducting. Refer to Section 5.1,
for information on determining the proper size of the
bootstrap capacitor. The HIGHDR is also capable of
sinking 2A (typical) peak current.
The LOWDR is capable of sourcing 2A (typical) peak
current and sinking 3.5A (typical) peak current. This
helps ensure that the low-side power MOSFET stays
turned off during the high dv/dt of the PHASE node.
4.2
Adaptive Cross-Conduction
Protection
The MCP14628 prevents cross-conduction power loss
by adaptively ensuring that the high-side and low-side
power MOSFETs are not conducting simultaneously.
When the PWM signal goes low, the HIGHDR is pulled
low and the LOWDR signal is held low until the
HIGHDR reach 1V (typically). At that time, the LOWDR
is allowed to turn on.
4.3
FCCM Mode
The MCP14628 features a diode emulation mode to
enhance the light load system efficiency. The FCCM
pin enables or disables the diode emulating mode. With
the FCCM pin grounded, diode emulation mode is
entered. The forced continuous conduction mode is
entered when the FCCM pin is connected to VCC.
In diode emulation mode, the MCP14628 turns off the
low-side power MOSFET when the inductor current
reaches approximately zero even if the PWM input
signal is still low. The LOWDR and HIGHDR both stay
low until the next switching cycle begins. To prevent
false termination of the LOWDR signal, there is a
400 ns minimum on time, tLGMIN, of the LOWDR. This
also ensures that the bootstrap capacitor is fully
charged.
In forced continuous conduction mode, the LOWDR of
the MCP14628 does not terminate until the PWM input
signal transitions from a low to a high.
4.4
Tri-State PWM
The PWM input pin of the MCP14628 controls the high
current LOWDR and HIGHDR drive signals. These
signals have three distinct operating modes depending
upon the state of the PWM input signal.
A logic low on the PWM pin cause the LOWDR drive
signal to be high and the HIGHDR drive signal to be
low. When the PWM signal transitions to a logic high,
the LOWDR signal goes low and the HIGHDR signal go
high. To ensure proper operation the PWM input signal
should be capable of a logic low of 0V and a logic high
of 5V.
The third operating mode of the drive signals occurs
when the PWM signal is set to a value equal to VCC/2
(typically). When the PWM signal dwells at this voltage
for 175 ns (typically) the MCP14628 disables both
LOWDR and HIGHDR drive signals. Both drive signals
are pulled and held low. Once the PWM signal moves
beyond VCC/2, the MCP14628 removes the shutdown
state of the drive signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com