Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 5 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 5 Page - Texas Instruments

  TPSM81033VCDR Datasheet HTML 1Page - Texas Instruments TPSM81033VCDR Datasheet HTML 2Page - Texas Instruments TPSM81033VCDR Datasheet HTML 3Page - Texas Instruments TPSM81033VCDR Datasheet HTML 4Page - Texas Instruments TPSM81033VCDR Datasheet HTML 5Page - Texas Instruments TPSM81033VCDR Datasheet HTML 6Page - Texas Instruments TPSM81033VCDR Datasheet HTML 7Page - Texas Instruments TPSM81033VCDR Datasheet HTML 8Page - Texas Instruments TPSM81033VCDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
5.5 Electrical Characteristics
TJ = –40°C to 125°C, VIN = 3.6 V and VOUT = 5.0 V. Typical values are at TJ = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
VIN
Input voltage range
1.8
5.5
V
VIN_UVLO
Under-voltage lockout threshold
VIN rising
1.7
1.79
V
VIN falling
1.6
V
VIN_HYS
VIN UVLO hysteresis
65
mV
IQ
Quiescent current into AVIN pin
IC enabled, No load, No switching VAVIN
= 1.8 V to 5.5 V, VFB = VREF + 0.1 V, TJ
up to 125°C
13
20
25
µA
Quiescent current into VOUT pin
IC enabled, No load, No switching VOUT =
2.2 V to 5.5 V, VFB = VREF + 0.1 V, TJ up
to 125°C
5.3
8.4
µA
ISD
Shutdown current into AVIN and PVIN pin
IC disabled, VAVIN = VPVIN = 3.6 V, TJ =
25°C
0.1
0.2
µA
OUTPUT
VOUT
Output voltage setting range
2.2
5.5
V
VOUT (fixed 5V) Fixed output voltage
FB connected to AVIN
VIN < VOUT, PWM mode
4.93
5
5.07
V
VREF
Reference voltage at the FB pin
PWM mode
591
600
609
mV
VREF
Reference voltage at the FB pin
PFM mode
606
mV
VOVP
Output over-voltage protection threshold
VOUT rising
5.5
5.75
6.0
V
VOVP_HYS
Over-voltage protection hysteresis
0.11
V
IFB_LKG
Leakage current at FB pin
TJ = 25°C
4
25
nA
IFB_LKG
Leakage current at FB pin
TJ = 125°C
5
30
nA
IVOUT_LKG
Leakage current into VOUT pin
IC disabled, VAVIN = 0 V, VPVIN = 0
V, VOUT = 5.5 V, TJ = 25°C
0.2
0.5
µA
POWER SWITCH
RDS(on)
High-side MOSFET on resistance
VOUT = 5.0 V
46
mΩ
RDS(on)
Low-side MOSFET on resistance
VOUT = 5.0 V
22
mΩ
fSW
Switching frequency
VAIN = 3.6 V, VOUT = 5.0 V, PWM mode
2.0
2.4
2.8
MHz
ILIM_SW
Valley current limit
VAVIN = 3.6 V, VOUT = 5.0 V, MODE=0
1.45
2
2.25
A
ILIM_SW
Valley current limit
VAVIN = 3.6 V, VOUT = 5.0 V, MODE=1
1.4
1.95
2.2
A
IREVERSE
Reverse current limit (MODE=1)
VAVIN = 3.6 V, VOUT = 5.0 V; MODE = 1
-1.4
A
ILIM_CHG
Pre-charge current(1)
VAVIN = 1.8 - 5.5 V, VOUT < 0.4 V
330
mA
LOGIC INTERFACE
VEN_H
EN logic high threshold
VAVIN > 1.8 V or VOUT > 2.2 V
1.2
V
VEN_L
EN logic low threshold
VAVIN > 1.8 V or VOUT > 2.2 V
0.4
V
VMODE_H
MODE Logic high threshold
VAVIN > 1.8 V or VOUT > 2.2 V
1.2
V
VMODE_L
MODE Logic Low threshold
VAVIN > 1.8 V or VOUT > 2.2 V
0.4
V
RDOWN
EN pins internal pull-down resistor
10
MΩ
RDOWN
MODE pins internal pull-down resistor
1
MΩ
PROTECTION
TSD
Thermal shutdown threshold(1)
TJ rising
170
°C
TSD
Thermal shutdown threshold(1)
TJ falling
155
°C
TSD_HYS
Thermal shutdown hysteresis(1)
TJ falling below TSD
15
°C
(1)
Specified by characterization. Not production tested.
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com