Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 7 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPSM81033VCDR Datasheet HTML 3Page - Texas Instruments TPSM81033VCDR Datasheet HTML 4Page - Texas Instruments TPSM81033VCDR Datasheet HTML 5Page - Texas Instruments TPSM81033VCDR Datasheet HTML 6Page - Texas Instruments TPSM81033VCDR Datasheet HTML 7Page - Texas Instruments TPSM81033VCDR Datasheet HTML 8Page - Texas Instruments TPSM81033VCDR Datasheet HTML 9Page - Texas Instruments TPSM81033VCDR Datasheet HTML 10Page - Texas Instruments TPSM81033VCDR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
5.7 Typical Characteristics
VIN = 3.6V, VOUT = 5V, TA = 25°C, unless otherwise noted
Output Current (A)
0.0001
0.001
0.01
0.05
0.2
0.5 1
2
55
60
65
70
75
80
85
90
95
100
VIN=1.8 V
VIN=3.3 V
VIN=3.6 V
VIN=4.8 V
VIN = 1.8V, 3.3V, 3.6V, 4.8V. Auto PFM
Figure 5-1. Efficiency vs Output Current VOUT = 5V
VIN = 1.8V, 3.3V, 3.6V, 4.8V. Forced PWM
Figure 5-2. Efficiency vs Output Current VOUT = 5 V
Output Current (A)
0.0001
0.001
0.01
0.05
0.2
0.5 1
2
4.96
4.98
5
5.02
5.04
5.06
5.08
VIN=1.8V
VIN=3.3V
VIN=3.6V
VIN=4.8V
VIN = 1.8V, 3.3V, 3.6V, 4.8V; VOUT = 5V
Figure 5-3. Load Regulation in Auto PFM with
internal resistor divider (fixed 5.0V)
Output Current (A)
0.0001
0.001
0.01
0.05
0.2
0.5 1
2
4.95
4.96
4.97
4.98
4.99
5
VIN=1.8V
VIN=3.3V
VIN=3.6V
VIN=4.8V
VIN = 1.8V, 3.3V, 3.6V, 4.8V; VOUT = 5V
Figure 5-4. Load Regulation in Forced PWM with
internal resistor divider (fixed 5.0V)
Te mperature (
C)
-60
-30
0
30
60
90
120
150
594
596
598
600
602
604
VIN = 3.6V; VOUT = 5V; TJ=-40°C to +125°C
Figure 5-5. Reference Voltage vs Temperature
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
0
0.25
0.5
0.75
1
1.25
1.5
Vin=1.8V
Vin=3.3V
Vin=5V
VIN =VSW= 1.8V, 3.3V, 5V; VOUT = 0V; TJ=-40°C to +125°C
Figure 5-6. Shutdown Current vs Temperature
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com