Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 23 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPSM81033VCDR Datasheet HTML 19Page - Texas Instruments TPSM81033VCDR Datasheet HTML 20Page - Texas Instruments TPSM81033VCDR Datasheet HTML 21Page - Texas Instruments TPSM81033VCDR Datasheet HTML 22Page - Texas Instruments TPSM81033VCDR Datasheet HTML 23Page - Texas Instruments TPSM81033VCDR Datasheet HTML 24Page - Texas Instruments TPSM81033VCDR Datasheet HTML 25Page - Texas Instruments TPSM81033VCDR Datasheet HTML 26Page - Texas Instruments TPSM81033VCDR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
EXAMPLE STENCIL DESIGN
4230162/A 11/2023
www.ti.com
QFN-FCMOD - 2.00 mm max height
VCD0009A
PLASTIC QUAD FLAT PACK- NO LEAD
SOLDER PASTE EXAMPLE
BASED ON 0.1 mm THICK STENCIL
SCALE: 25X
NOTES: (continued)
6.
Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
1
3
(R0.05) TYP
(1.15)
2X (1)
2X (0.475)
2X (0.42)
2X (0.075)
2X (0.5)
2X (0.713)
2X (1)
0.000 PKG
℄
(0.983)
18X (0.25)
2X (0.875)
2X (0.574)
2X (0.6)
2X (0.77)
11X (0.2)
(0.348)
(0.52)
2
6
7
8
9
(0.135)
(0.94)
(0.55)
(0.25)
(0.342)
(0.683)
(0.76)
2X (0.475)
(1.35)
(0.818)
(0.75)
2X (0.272)
(0.62)
(0.475)
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com