Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 11 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPSM81033VCDR Datasheet HTML 7Page - Texas Instruments TPSM81033VCDR Datasheet HTML 8Page - Texas Instruments TPSM81033VCDR Datasheet HTML 9Page - Texas Instruments TPSM81033VCDR Datasheet HTML 10Page - Texas Instruments TPSM81033VCDR Datasheet HTML 11Page - Texas Instruments TPSM81033VCDR Datasheet HTML 12Page - Texas Instruments TPSM81033VCDR Datasheet HTML 13Page - Texas Instruments TPSM81033VCDR Datasheet HTML 14Page - Texas Instruments TPSM81033VCDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
The duty cycle can be estimated by Equation 3.
IN
OUT
V
D
1
V
u K
(3)
where
• VOUT is the output voltage of the boost converter
• VIN is the input voltage of the boost converter
• η is the efficiency of the converter, use 90% for most applications
The peak-to-peak inductor ripple current is calculated by Equation 4.
IN
L P P
SW
V
D
I
L
f
u
'
u
(4)
where
• L is the inductance value of the inductor
• fSW is the switching frequency
• D is the duty cycle
• VIN is the input voltage of the boost converter
6.3.5 Pass-Through Operation
When the input voltage is higher than the setting output voltage, the output voltage is higher than the target
regulation voltage, the device works in pass-through mode. When the output voltage is 101% of the setting
target voltage, the TPSM81033 stops switching and fully turns on the high-side PMOS FET. The output voltage
is the input voltage minus the voltage drop across the DCR of the inductor and the RDS(on) of the PMOS FET.
When the output voltage drops below the 97% of the setting target voltage as the input voltage declines or the
load current increases, the TPSM81033 resumes switching again to regulate the output voltage.
6.3.6 Power Good Indicator
The TPSM81033 integrates a power good indicator to simplify sequencing and supervision. The power-good
output consists of an open-drain NMOS, requiring an external pullup resistor connect to a suitable voltage
supply. The PG pin goes high with a typical 1.3ms delay time after VOUT is between 93% (typical) and 107%
(typical) of the target output voltage, the hysterisys windown is about 2.5% (typical). When the output voltage is
out of the target output voltage window, the PG pin immediately goes low with a 33μs deglitch filter delay. This
deglitch filter also prevents any false pulldown of the PGOOD due to transients. When EN is pulled low, the PG
pin is also forced low with a 33μs deglitch filter delay. If not used, the PG pin can be left floating or connected to
GND.
6.3.7 Implement Output Discharge by PG function
The purpose of the output discharge function is to ensure a defined down-ramp of the output voltage and to let
the output voltage close to 0V quickly when the device is being disabled. TPSM81033 can implement output
discharge function by PG function that requires a RDummy resistor connected between PG pin and Vout pin. PG
is an open drain NMOS architecture with up to 50mA current capability, the PG pin becomes logic high when the
output voltage reaches the target value, so the dummy load resistor does not lead any power loss during normal
operation. When the EN pin gets low, the TPSM81033 is disabled and meanwhile the PG pin gets low with a
typical 33μs glitch time (tglitch). With PG pin keeps low, the RDummy works as a dummy load to discharge output
voltage. Changing RDummy can adjust the output discharge rate.
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com