Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 16 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPSM81033VCDR Datasheet HTML 12Page - Texas Instruments TPSM81033VCDR Datasheet HTML 13Page - Texas Instruments TPSM81033VCDR Datasheet HTML 14Page - Texas Instruments TPSM81033VCDR Datasheet HTML 15Page - Texas Instruments TPSM81033VCDR Datasheet HTML 16Page - Texas Instruments TPSM81033VCDR Datasheet HTML 17Page - Texas Instruments TPSM81033VCDR Datasheet HTML 18Page - Texas Instruments TPSM81033VCDR Datasheet HTML 19Page - Texas Instruments TPSM81033VCDR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
• IOUT is the maximum output current
• fSW is the switching frequency
The ESR impact on the output ripple must be considered if tantalum or aluminum electrolytic capacitors are
used. The output peak-to-peak ripple voltage caused by the ESR of the output capacitors can be calculated by
Equation 7.
RIPPLE(ESR)
L(P)
ESR
V
I
R
u
(7)
Take care when evaluating the derating of a ceramic capacitor under dc bias voltage, aging, and ac signal. For
example, the dc bias voltage can significantly reduce capacitance. A ceramic capacitor can lose more than 50%
of its capacitance at its rated voltage. Therefore, always leave margin on the voltage rating to ensure adequate
capacitance at the required output voltage. Increasing the output capacitor makes the output ripple voltage
smaller in PWM mode.
TI recommends using the X5R or X7R ceramic output capacitor with 10μF effective capacitance when output
current is lower than 1A, and 20μF effective capacitance when output current is higher than 1A. The output
capacitor affects the small signal control loop stability of the boost regulator. If the output capacitor is below the
range, the boost regulator can potentially become unstable. Increasing the output capacitor makes the output
ripple voltage smaller in PWM mode.
For large output capacitance more than 40μF application, TI recommends a feedforward capacitor to set the
zero frequency (fFFZ) to 1kHz, and also recommend to connect a 50ohm resistor series with the feedforward
capacitor to filter some high frequency noise coupled from VOUT to FB.
7.2.2.3 Input Capacitor Selection
Multilayer X5R or X7R ceramic capacitors are excellent choices for the input decoupling of the step-up converter
as they have extremely low ESR and are available in small footprints. Input capacitors must be located as close
as possible to the device. While a 22μF/0603 input capacitor is sufficient for most applications, larger values may
be used to reduce input current ripple without limitations. Take care when using only ceramic input capacitors.
When a ceramic capacitor is used at the input and the power is being supplied through long wires, a load step
at the output can induce ringing at the input voltage. This ringing can couple to the output and be mistaken as
loop instability or even damage the part. In this circumstance, place additional bulk capacitance (tantalum or
aluminum electrolytic capacitor) between ceramic input capacitor and the power source to reduce ringing that
can occur between the inductance of the power source leads and ceramic input capacitor.
7.2.3 Application Curves
VIN = 3.3V, VOUT = 5V, IOUT = 1A
Figure 7-3. Switching Waveform at Heavy Load
VIN = 3.3V, VOUT = 5V, IOUT = 100mA
Figure 7-4. Switching Waveform at Light Load
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com