Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 1 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 1 Page - Texas Instruments

  TPSM81033VCDR Datasheet HTML 1Page - Texas Instruments TPSM81033VCDR Datasheet HTML 2Page - Texas Instruments TPSM81033VCDR Datasheet HTML 3Page - Texas Instruments TPSM81033VCDR Datasheet HTML 4Page - Texas Instruments TPSM81033VCDR Datasheet HTML 5Page - Texas Instruments TPSM81033VCDR Datasheet HTML 6Page - Texas Instruments TPSM81033VCDR Datasheet HTML 7Page - Texas Instruments TPSM81033VCDR Datasheet HTML 8Page - Texas Instruments TPSM81033VCDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™
Packaging Technology, Power Good Indicator and Output Discharge Function
1 Features
• Input voltage range: 1.8V to 5.5V
• Output voltage range: 2.2V to 5.5V
– FB connected to AVIN pin for fixed 5.0V output
• 2A valley switching current limit
• Integreted 0.43μH power inductor
• Excellent thermal performance:
– < 10°C temperature rise at VIN = 3.6V, VOUT =
5V, IOUT = 1A, and TA=25°C
• High efficiency and high power capability
– Two 22mΩ (LS) / 46mΩ (HS) MOSFETs
– > 93% efficiency at VIN = 3.6V, VOUT = 5V, and
IOUT = 1A
• Optimized load regulation with internal resistor
divider (fixed 5.0V output voltage).
• 2.4MHz switching frequency
• Typical 20μA quiescent current into AVIN pin
• ±1.5% Reference voltage accuracy over –40°C to
+125°C
• Power good output with window comparator
• Pin-selectable auto PFM or forced PWM at light
load
• Pass-through mode when VIN > VOUT
• Safety and robust operation features
– True disconnection between input and output
during shutdown
– Output overvoltage, thermal shutdown
protection and output short-circuit protection
• 2.6mm × 2.5mm QFN-FCMOD 9-Pin package
2 Applications
• Optical module
• Patient monitor
• Smart meter
3 Description
The TPSM81033 is a synchronous boost module. The
device provides a power supply solution for portable
equipment and smart devices powered by batteries
and other power supply. The TPSM81033 has 2A
(typical) valley switch current limit. The power module
uses TI's MagPack packaging technology to integrate
a synchronous boost converter and an inductor to
simplify design, reduce external components, and
save PCB area.
The TPSM81033 uses adaptive constant on-time
valley-current-control topology to regulate the output
voltage and operates at 2.4MHz switching frequency.
There are two optional modes at light load by
configuring the MODE pin: auto PFM mode and
forced PWM to balance the efficiency and noise
immunity in light load. The TPSM81033 consumes
a 20µA quiescent current from AVIN at light load
condition. During shutdown, the TPSM81033 is
completely disconnected from the input power and
only consumes a 0.1µA current to achieve long
battery life. The TPSM81033 has 5.75V output
overvoltage protection, output short circuit protection,
and thermal shutdown protection. The TPSM81033
offers a very small solution size with 2.6mm × 2.5mm
QFN-FCMOD (9) package and minimum amount of
external components.
Device Information
PART NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
TPSM81033
VCD (QFN-FCMOD,
9)
2.60mm × 2.50mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
PVIN
EN
VOUT
FB
GND
L1
OFF
ON
C1
C2
MODE
PFM
PWM
PG
R1
R2
R3
TPSM81033
SW
AVIN
2 x 22 F(0603) at Iout 1A
4 x 22 F(0603) at Iout>1A
22 F(0603)
VIN
VOUT
Typical Application Circuit
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPSM81033VCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPSM81033 TI1-TPSM81033 Datasheet
769Kb / 17P
TPSM81033 5.5V, 5.5A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
JULY 2024
More results

Similar Description - TPSM81033VCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61090 TI-TPS61090 Datasheet
457Kb / 19P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
TPS61090RSAR TI1-TPS61090RSAR Datasheet
1Mb / 25P
SYNCHRONOUS BOOST CONVERTER WITH 2A SWITCH
logo
Microchip Technology
MCP16321 MICROCHIP-MCP16321_13 Datasheet
1Mb / 34P
24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
11/29/11
logo
Monolithic Power System...
MP62040-1 MPS-MP62040-1 Datasheet
372Kb / 8P
1.7V- 5.5V, Ultra-Small, Single-Channel 2A Current-Limited Power Distribution Switch with Output Discharge
logo
Richtek Technology Corp...
RT8130C RICHTEK-RT8130C Datasheet
257Kb / 18P
Power Good Indicator
logo
Monolithic Power System...
MP9942 MPS-MP9942 Datasheet
735Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
MP9942A MPS-MP9942A Datasheet
787Kb / 21P
High Efficiency 2A, 36V, 410kHz Synchronous Step-Down Converter with Power Good
MP5087A MPS-MP5087A Datasheet
594Kb / 14P
5.5V, 7A Low RDSON Load Switch with Programmable Current Limit, Power Good, and Output Discharge Function
logo
Microchip Technology
MIC23451 MICROCHIP-MIC23451 Datasheet
3Mb / 28P
3 MHz, 2A Triple Synchronous Buck Regulator with HyperLight Load짰 and Power Good
09/14/21
logo
MPS Industries, Inc.
MP2172C MPSIND-MP2172C Datasheet
532Kb / 18P
5.5V, 2A, Sync Step-Down Converter with Output Discharge in UTQFN Package
Rev.1.0 4/22/2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com