Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 6 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPSM81033VCDR Datasheet HTML 2Page - Texas Instruments TPSM81033VCDR Datasheet HTML 3Page - Texas Instruments TPSM81033VCDR Datasheet HTML 4Page - Texas Instruments TPSM81033VCDR Datasheet HTML 5Page - Texas Instruments TPSM81033VCDR Datasheet HTML 6Page - Texas Instruments TPSM81033VCDR Datasheet HTML 7Page - Texas Instruments TPSM81033VCDR Datasheet HTML 8Page - Texas Instruments TPSM81033VCDR Datasheet HTML 9Page - Texas Instruments TPSM81033VCDR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
5.6 System Characteristics
The following specifications apply to a typical application circuit with nominal component values. Specifications in the typical
(TYP) column apply to TJ = 25℃ only. Specifications in the minimum (MIN) and maximum (MAX) columns apply to the
case of typical components over the temperature range of TJ = –40℃ to 125℃. These specifications are not specified by
production testing.
PARAMETERS
TEST
CONDITIONS
MIN
NOM
MAX UNIT
VIN
Operating input voltage range
1.8
5.5
V
VOUT
Output voltage load regulation(1)
Auto PFM, internal
divider, FB
connected to AVIN
1
1.4
%
Output voltage load regulation(1)
FPWM, internal
divider, FB
connected to AVIN
1
0.2
%
Output voltage load regulation(1)
Auto PFM, external
divider
4.2
1.4
%
Output voltage load regulation(1)
FPWM, external
divider
4.2
0.2
%
tSTARTUP
Start-up time with 0V pre-bias voltage
VIN = 3.6V,
VOUT = 5V, IOUT
= 0A, COUT
is 4pcs 22uF/
0603/6.3V/X5R
800
µs
(1)
Deviation in VOUT from nominal output voltage value at VIN = 3.6V, VOUT = 5.0V, IOUT = 1mA to 1A. The max value is calculated by
(VOUT_MAX - VOUT_SET) / VOUT_SET * 100%, the min value is calculated by (VOUT_MIN - VOUT_SET) / VOUT_SET * 100%.
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com