Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 21 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPSM81033VCDR Datasheet HTML 17Page - Texas Instruments TPSM81033VCDR Datasheet HTML 18Page - Texas Instruments TPSM81033VCDR Datasheet HTML 19Page - Texas Instruments TPSM81033VCDR Datasheet HTML 20Page - Texas Instruments TPSM81033VCDR Datasheet HTML 21Page - Texas Instruments TPSM81033VCDR Datasheet HTML 22Page - Texas Instruments TPSM81033VCDR Datasheet HTML 23Page - Texas Instruments TPSM81033VCDR Datasheet HTML 24Page - Texas Instruments TPSM81033VCDR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
10.1 Mechanical Data
PACKAGE OUTLINE
4230162/A 11/2023
www.ti.com
QFN-FCMOD - 2.00 mm max height
PLASTIC QUAD FLAT PACK- NO LEAD
VCD0009A
A
0.08 C
SEATING PLANE
PIN 1 INDEX AREA
C
B
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
2.7
2.5
2.6
2.4
2
1.9
0.05
0
(0.2) TYP
1
3
7
8
6
2X 1.05
0.85
1.28
1.08
0.1
C A B
0.05
C
PIN1 ID
7X 0.35
0.15
2X 0.5
0.3
0.78
0.58
2X (0.12)
2X 1
2X 0.5
2X 0.075
2X 0.475
2X 1
0.65±0.1
4X (0.125)
2
18X (0.18)
0.36±0.1
2X 0.74±0.1
9
0.65
0.45
0.135
0.000
0.3
0.2
www.ti.com
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com