Electronic Components Datasheet Search
  English  ▼

X  

TPSM81033VCDR Datasheet(PDF) 22 Page - Texas Instruments

Part # TPSM81033VCDR
Description  TPSM81033 5.5V, 2A, 2.4MHz, Synchronous Boost Power Module with MagPack™ Packaging Technology, Power Good Indicator and Output Discharge Function
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPSM81033VCDR Datasheet(HTML) 22 Page - Texas Instruments

Back Button TPSM81033VCDR Datasheet HTML 18Page - Texas Instruments TPSM81033VCDR Datasheet HTML 19Page - Texas Instruments TPSM81033VCDR Datasheet HTML 20Page - Texas Instruments TPSM81033VCDR Datasheet HTML 21Page - Texas Instruments TPSM81033VCDR Datasheet HTML 22Page - Texas Instruments TPSM81033VCDR Datasheet HTML 23Page - Texas Instruments TPSM81033VCDR Datasheet HTML 24Page - Texas Instruments TPSM81033VCDR Datasheet HTML 25Page - Texas Instruments TPSM81033VCDR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
EXAMPLE BOARD LAYOUT
4230162/A 11/2023
www.ti.com
QFN-FCMOD - 2.00 mm max height
VCD0009A
PLASTIC QUAD FLAT PACK- NO LEAD
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 25X
NOTES: (continued)
4.
This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271)
.
5.
Vias are optional depending on application, refer to device data sheet. If any vias are implemented, refer to their locations shown
on this view. It is recommended that vias under paste be filled, plugged or tented.
SOLDER MASK DETAILS
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
METAL
SOLDER MASK
OPENING
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
EXPOSED
METAL
NON- SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED
1
3
(R0.05) TYP
(1.15)
2X (1)
2X (0.475)
2X (0.42)
2X (0.075)
2X (0.5)
2X (0.713)
2X (1)
0.000 PKG
℄
(0.983)
18X (0.25)
2X (0.875)
2X (0.574)
2X (0.6)
2X (1.15)
(0.875)
(1.375)
5X (0.325)
(Ø0.2) VIA
TYP
2
6
7
8
9
(0.135)
2X (0.94)
(0.55)
(0.25)
(0.36)
TPSM81033
SLVSHL0D – JUNE 2024 – REVISED DECEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TPSM81033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com