Electronic Components Datasheet Search
  English  ▼

X  

405EX Datasheet(PDF) 15 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 15 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 12Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 15Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 16Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 17Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 18Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 19Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
Revision 1.09 - August 21, 2007
AMCC Proprietary
15
Preliminary Data Sheet
• Programmable internal/external loopback capabilities
• OPB slave (MAC) and PLB master (MAL) interfaces are 32 bits wide
• Extensive error/status vector generation for each processed packet
• VLAN tag ID supported (according to IEEE Draft 802.3ac/D1.0 standard)
• Programmable automatic source address inclusion/replacement for transmit packets
• Programmable automatic Pad/FCS stripping for receive packets
• Programmable VLAN Tag inclusion/replacement for transmit packets
• Half- or full-duplex GMII/RGMII
• Jumbo frames support
• Memory Access Layer (MAL) provides DMA capability to Ethernet channel
• Interrupt coalescence support for two transmit and two receive channels
General Purpose Timer (GPT)
The GPT provides a time base counter and system timers in addition to those defined in the processor.
Features include:
• 32-bit time base counter driven by the OPB clock
• Seven 32-bit compare timers
JTAG
Features include:
• IEEE 1149.1 test access port
• JTAG Boundary Scan Description Language (BSDL)
Refer to http://www.amcc.com/Embedded/Partners for a list of AMCC partners supplying probes for use with the
JTAG interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com