Electronic Components Datasheet Search
  English  ▼

X  

405EX Datasheet(PDF) 8 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 8 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 4Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 5Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 6Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 7Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 8Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 9Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 12Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
8
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
Power PC 405 Processor
The PPC405 processor is a fixed-point, 32-bit RISC unit.
Features include:
• Five-stage pipeline with single-cycle execution of most instructions, including loads and stores
• Separate, configurable 16 KB D- and I-caches, both two-way set associative
• Thirty-two 32-bit general purpose registers (GPRs)
• Unaligned load/store support
• Hardware multiply/divide
• Parity detection and reporting for the instruction cache, data cache, and translation look-aside buffer (TLB)
• Double word instruction fetch from cache
• Translation of the four GB logical address space into physical addresses
• Built-in timer and debug support
• Power management
• DCR interface is 32 bits wide
• Selectable processor vs. bus clock ratios (N:1 ratio only, where N =1, 2, 3,or 4 )
Internal Buses
The PPC405EX contains four internal buses: the processor local bus (PLB), the Advanced High-Performance Bus
(AHB), the on-chip peripheral bus (OPB), and the device control register (DCR) bus. High performance devices
such as the processor, the DDR SDRAM memory controller, PCI Express, the Ethernet MAL, and DMA utilize the
PLB. Lower bandwidth I/O interfaces such as communications and timer interfaces utilize the OPB. The daisy-
chained DCR bus provides a lower bandwidth path for passing status and control information between the
processor and the other on-chip peripheral functions.
PLB
The Processor Local Bus (PLB) is a high-performance on-chip bus used to connect PLB-equipped master and
slave devices to the PPC405 CPU. It provides a 128-bit data path with 64-bit addressing and operates up to
200MHz. There are bridges between the PLB and the OPB.
Features include:
• Separate and simultaneous 6.4GB/s read and write data paths
• Decoupled address and data buses
• Address pipelining
• Late master request abort capability
• Hidden (overlapped) bus request/grant protocol
• Bus arbitration-locking mechanism
• Byte-enable capability allows for unaligned half word transfers and 3-B transfers
• Support for 32- and 64-B burst transfers
• Read word address capability
• Sequential burst protocol
• Guarded and unguarded memory transfers
• Simultaneous control, address, and data phases
• DMA buffered, flyby, peripheral-to-memory, memory-to-peripheral, and DMA memory-to-memory operations
AHB
The Advanced High-Performance Bus (AHB) is dedicated to the USB OTG 2.0.
Features include:
• 32-bit data path
• 32-bit address
• Synchronous to the PLB
• From 60MHz to 100MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com