Electronic Components Datasheet Search
  English  ▼

X  

405EX Datasheet(PDF) 50 Page - Applied Micro Circuits Corporation

Part # 405EX
Description  PowerPC 405EX Embedded Processor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EX Datasheet(HTML) 50 Page - Applied Micro Circuits Corporation

Back Button 405EX Datasheet HTML 46Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 47Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 48Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 49Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 50Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 51Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 52Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 53Page - Applied Micro Circuits Corporation 405EX Datasheet HTML 54Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 67 page
background image
PPC405EX – PowerPC 405EX Embedded Processor
50
AMCC Proprietary
Revision 1.09 - August 21, 2007
Preliminary Data Sheet
Test Conditions
Clock timing and switching characteristics are specified in accordance with minimum
operating conditions shown in the table “Recommended DC Operating Conditions” on
page 47. For all signals, AC specifications are characterized at T
C = 85 °C with the test
load shown in the figure to the right.
Table 14. DC Power Supply Loads with DDR2 SDRAM
Parameter
Symbol
Typical
Maximum
Unit
Notes
VDD (+1.2V) active operating current
IDD
920
1390
mA
1
AVDD (+1.2V) active operating current
IADD
40
50
mA
1
AHVDD (+2.5V) active operating current
IAHDD
100
120
mA
1
OVDD (+3.3V) active operating current
IODD
40
50
mA
1
SVDD (+1.8V) active operating current
ISDD
180
210
mA
1
EOVDD (+2.5V) active operating current
IEODD
20
30
mA
1
SAVDD (+2.5V) active operating current
ISADD
100
120
mA
1
EAVDD (+2.5V) active operating current
IEADD
100
120
mA
1
Notes:
1. Typical and Maximum values are estimates and subject to change.
Table 15. System Clocking Specifications
Symbol
Parameter
Min
Max
Units
CPU
PFC
Processor clock frequency (must be
≥ SCF
C)
333.33
666.66
MHz
SysClk Input
SCFC
Frequency
33.33
100
MHz
SCTCS
Edge stability (phase jitter, cycle-to-cycle)
na
± 0.1
ns
SCTCH
High time (% of nominal period)
40
60
%
SCTCL
Low time (% of nominal period)
40
60
%
SCRT
Rise time
na
0.4
ns
Other Clocks
VCOFC
VCO frequency
600
1800
MHz
PLBFC
PLB frequency
133
200
MHz
OPBFC
OPB frequency
66
100
MHz
Output
Pin
10pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com