Electronic Components Datasheet Search
  English  ▼

X  

TMP110 Datasheet(PDF) 5 Page - Texas Instruments

Part # TMP110
Description  TMP113 Ultra-Small, 1.4V to 5.5V Supply, ±0.3°C Accurate, I2C Digital Temperature Sensor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP110 Datasheet(HTML) 5 Page - Texas Instruments

  TMP110 Datasheet HTML 1Page - Texas Instruments TMP110 Datasheet HTML 2Page - Texas Instruments TMP110 Datasheet HTML 3Page - Texas Instruments TMP110 Datasheet HTML 4Page - Texas Instruments TMP110 Datasheet HTML 5Page - Texas Instruments TMP110 Datasheet HTML 6Page - Texas Instruments TMP110 Datasheet HTML 7Page - Texas Instruments TMP110 Datasheet HTML 8Page - Texas Instruments TMP110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Over free-air temperature range and V+ = 1.4V to 5.5V (unless otherwise noted); Typical specifications are at TA = 25°C and
V+ = 3.3V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TERR
Accuracy (temperature error)
25°C
± 0.1
°C
-25°C to 85°C
-0.3
0.3
-40°C to 125°C
-0.5
0.5
PSR
DC power supply rejection
2
m°C/V
TRES
Temperature resolution
12
Bits
62.5
m°C
TREPEAT Repeatability(1)
1Hz conversion cycle
±1
LSB
TLTD
Long-term stability and drift
1000 hours at 125°C(2)
±1
LSB
tRESP_L Response time (Stirred Liquid)
2-layer FR4 PCB 1.5748mm
thickness
τ = 63% for step
response from 25°C
to 75°C
1.1
s
Flexible PCB 0.2mm
thickness
0.2
THYST
Temperature cycling and
hysteresis(3)
±1
LSB
tACT
Active conversion time
11.4
12.8
ms
tCONV
Conversion Period
(Set by user)
CR1 = 0, CR0 = 0 (0.25Hz)
4
4.4
s
CR1 = 0, CR0 = 1 (1Hz)
1
1.1
CR1 = 1, CR0 = 0 (default, 4Hz)
0.25
0.28
CR1 = 1, CR0 = 1 (8Hz)
0.125
0.14
tVAR
Timing variation of all device
settings
-10
10
%
DIGITAL INPUT/OUTPUT
CIN
Input capacitance
4.5
pF
VIH
Input logic high
0.7 × V+
V
VIL
Input logic low
-0.3
0.3 × V+
V
VHYST
Hysteresis
0.11
V
IIN
Input current
±0.1
μA
VOL
Output logic
IOL = –3mA
0
0.4
V
POWER SUPPLY
IDD_AVG Average current consumption
Continuous conversion mode
1Hz conversion period
Serial bus idle
1.4
4
μA
Continuous conversion mode
4Hz conversion period
3.4
7
One shot conversion mode
1Hz conversion period
SCL = 400kHz
6.7
SCL = 1MHz
14
IDD_SB
Standby current(4)
Continuous conversion mode
Serial bus idle and connected to V+
0.85
3.3
μA
IDD_SD
Shutdown current
(Serial bus level = GND or V+)
TA = +25°C, Serial bus inactive and connected to
V+
0.07
0.2
μA
TA = -40°C to 125°C
2
Serial bus active, SCL frequency = 400kHz
5.5
Serial bus active, SCL frequency = 1MHz
13
IDD_ACTI
VE
Supply current during active
conversion
Active Conversion, serial bus idle
55
95
μA
VPOR
Power-on reset threshold
voltage
Supply rising
1.02
V
Brownout detect
Supply falling
0.97
V
www.ti.com
TMP113
SBOSAJ5 – DECEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TMP113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com